| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M54HC4538 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC4538 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 13 page ![]() M54HC4538 7/13 Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tTLH tTHL Output Transition Time 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 tPLH tPHL Propagation Delay Time (A, B - Q, Q) 2.0 120 250 315 375 ns 4.5 30 50 63 75 6.0 25 43 54 64 tPLH tPHL Propagation Delay Time (CD - Q, Q) 2.0 100 195 245 295 ns 4.5 25 39 49 59 6.0 20 33 42 50 tWOUT Output Pulse Width 2.0 Cx=0 Rx = 5K Ω 540 1200 1500 1800 ns 4.5 Rx = 1K Ω 180 250 320 375 6.0 Rx= 1K Ω 150 200 260 320 2.0 Cx = 0.01 µF Rx = 10K Ω 70 83 96 70 96 70 96 µs 4.5 69778569856985 6.0 69778569856985 2.0 Cx = 0.1 µF Rx = 10K Ω 0.67 0.75 0.83 0.67 0.83 0.67 0.9 ms 4.5 0.67 0.73 0.77 0.67 0.77 0.67 0.8 6.0 0.67 0.73 0.77 0.67 0.77 0.67 0.8 ∆t WOUT Output Pulse Width Error Between Circuits in Same Package ±1 % tW(H) tW(L) Minimum Pulse Width (A,B) 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 tW(L) Minimum Pulse Width (CD) 2.0 30 75 95 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 tREM Minimum Clear Removal Time 2.0 0 15 15 20 ns 4.5 0 5 5 7 6.0 0 5 5 trr Minimum Retrigger Time 2.0 Cx = 0.1 µF Rx = 1K Ω 380 ns 4.5 92 6.0 72 2.0 Cx = 0.01 µF Rx = 1K Ω 6 µs 4.5 1.4 6.0 1.2 |