công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7476 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện TDA7476
Giải thích chi tiết về linh kiện  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button TDA7476 Datasheet HTML 10Page - STMicroelectronics TDA7476 Datasheet HTML 11Page - STMicroelectronics TDA7476 Datasheet HTML 12Page - STMicroelectronics TDA7476 Datasheet HTML 13Page - STMicroelectronics TDA7476 Datasheet HTML 14Page - STMicroelectronics TDA7476 Datasheet HTML 15Page - STMicroelectronics TDA7476 Datasheet HTML 16Page - STMicroelectronics TDA7476 Datasheet HTML 17Page - STMicroelectronics TDA7476 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TDA7476
14/19
s
Step 4: repeat Step1, Step2, Step3 while the second, third, fourth, ...turn-on diagnostic has to be done.
During the last turn-on diagnostic the
µP sends ADD2, receives BYTE1, BYTE2, BYTE3, and sends
the acknowlegde after BYTE3
In this way only after that the TDA7476 has done for N times the turn-on diagnostic, it switches from turn-on to
permanent diagnostic mode.From now the TDA7476 always does the permanent diagnostic.To save time when
the audio system is switched on, it is possible to do the repetitive turn-on diagnostic when the car-radio is turned
off. In this case the steps to follow to do the repetitive turn-on diagnostic are the following:
1- to switch off the TDA7476 connecting STBY pin to ground;
2- to wait T5V seconds (time necessary for the discharge of the capacitor). If C5V = 10µF then T5V = 20ms typ;
3- to switch on the TDA7476
4- to do the repetitive turn-on diagnostic as above described;
5- to turn off the TDA7476.
WARNING PIN
s
This is an open drain output pin that is activated when a fault condition is present for more than 2 sec
(TYP). The fault conditions related to the warning pin are as follows:
- AUX1, AUX2
Short to GND
- CH1, CH2, CH3, CH4, CH5:
Short Circuit to GND
Short Circuit to Vs
s
The purpose of this pin is to alert the
µP and start with the permanent diagnostic routine only if faults
are present, thus avoiding CPU's waste of time.
START
ADD2
ACK
BYTE1
ACK
BYTE2
ACK
BYTE3
STOP
START
ADD2
ACK
BYTE1
ACK
BYTE2
ACK
BYTE3
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com