| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7540N bảng dữ liệu(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7540N bảng dữ liệu(HTML) 63 Page - STMicroelectronics |
|
63 / 76 page ![]() TDA7540N Software specification 63/76 Table 45. Addr 33 test tuner control 1 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxxx Only for testing ( have to be set to 0) Table 46. Addr 34 test tuner control 2 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxxx Only for testing ( have to be set to 0) Table 47. Addr 35 test tuner control 3 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxxx Only for testing ( have to be set to 0) Table 48. Addr 36 test tuner control 4 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxxx Only for testing ( have to be set to 0) Table 49. Addr 37 test tuner control 5 MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxxx Only for testing ( have to be set to 0) Table 50. Addr 38 test stereodecoder control MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxx 0 Only for testing ( have to be set to 1) Table 51. Addr39 test FM demodulator spike blanker and stereo decoder MSB LSB Function d7 d6 d5 d4 d3 d2 d1 d0 xxxxxxx 0 Only for testing ( have to be set to 1) |