| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F4400PLYC0 bảng dữ liệu(PDF) 21 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400PLYC0 bảng dữ liệu(HTML) 21 Page - Numonyx B.V |
|
21 / 102 page ![]() November 2007 Datasheet Order Number: 290701-18 21 Numonyx™ Wireless Flash Memory (W18) 5.0 Maximum Ratings and Operating Conditions 5.1 Absolute Maximum Ratings Warning: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage. These are stress ratings only. 5.2 Operating Conditions Warning: Operation beyond the “Operating Conditions” is not recommended and extended exposure beyond the “Operating Conditions”may affect device reliability. Notice: This datasheet contains information on products in the design phase of development. The information here is subject to change without notice. Do not finalize a design with this information. Table 9: Absolute Maximum Ratings Parameter Maximum Rating Notes Temperature under Bias –40 °C to +85 °C Storage Temperature –65 °C to +125 °C Voltage on Any Pin (except VCC, VCCQ, VPP) –0.5 V to +2.45 V 1,2 VPP Voltage –0.2 V to +13.1 V 1,3,4 VCC and VCCQ Voltage –0.2 V to +2.45 V 1,2 Output Short Circuit Current 100 mA 5 Notes: 1. Specified voltages are with respect to VSS. 2. During transitions, this level may: (130 nm) Undershoot –2.0 V for periods < 20 ns and overshoot to VCCQ +2.0 V for periods < 20 ns (90 nm) Undershoot –1.0 V for periods < 20 ns and overshoot to VCCQ +1.0 V for periods < 20 ns. 3. Maximum DC voltage on VPP may overshoot to +14.6 V for periods < 20 ns. 4. VPP program voltage is normally VPP1. VPP can be 12 V ± 0.6 V for 1000 cycles on the main blocks and 2500 cycles on the parameter blocks during program/erase. 5. Output shorted for no more than one second. No more than one output shorted at a time. Table 10: Extended Temperature Operation (Sheet 1 of 2) Symbol Parameter1 Min Nom Max Unit Note TA Operating Temperature –40 25 85 °C VCC VCC Supply Voltage 1.7 1.8 1.95 V 2 I/O Supply Voltage (90 nm) 1.7 1.8 1.95 2 VCCQ I/O Supply Voltage (130 nm) 1.7 1.8 2.24 2 VPP1 VPP Voltage Supply (Logic Level) 0.90 1.80 1.95 1 VPP2 FactoryProgramming VPP 11.4 12.0 12.6 1 tPPH Maximum VPP Hours VPP = 12 V - - 80 Hours 1 |