| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F4400PLYC0 bảng dữ liệu(PDF) 13 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400PLYC0 bảng dữ liệu(HTML) 13 Page - Numonyx B.V |
|
13 / 102 page ![]() November 2007 Datasheet Order Number: 290701-18 13 Numonyx™ Wireless Flash Memory (W18) 3.0 Package Information 3.1 W18 — 90 nm Lithography Figure 1: 32- and 64-Mbit VF BGA Package Drawing E Seating Plane Top View - Bump Side Down Bottom View - Ball Side Up Y A A1 D A2 2 Ball A1 Corner 87 654 32 1 A B C D E F G S 1 S e b Ball A1 Corner 8 7 6 5 4 3 2 1 A B C D E F G Table 5: 32- and 64-Mbit VF BGA Package Dimensions Dimension Symbol Millimeters Inches Min Nom Max Min Nom Max Package Height A - - 1.000 - - 0.0394 Ball Height A1 0.150 - - 0.0059 - - Package Body Thickness A2 - 0.665 - - 0.0262 - Ball (Lead) Width b 0.325 0.375 0.425 0.0128 0.0148 0.0167 Package Body Width D 7.600 7.700 7.800 0.2992 0.3031 0.3071 Package Body Length E 8.900 9.000 9.100 0.3504 0.3543 0.3583 Pitch [e] - 0.750 - - 0.0295 - Ball (Lead) Count N - 56 - - 56 - Seating Plane Coplanarity Y - - 0.100 - - 0.0039 Corner to Ball A1 Distance Along D S1 1.125 1.225 1.325 0.0443 0.0482 0.0522 Corner to Ball A1 Distance Along E S2 2.150 2.250 2.350 0.0846 0.0886 0.0925 |