| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC48F4400P0PB0 bảng dữ liệu(PDF) 19 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
PC48F4400P0PB0 bảng dữ liệu(HTML) 19 Page - Numonyx B.V |
|
19 / 102 page ![]() November 2007 Datasheet Order Number: 290701-18 19 Numonyx™ Wireless Flash Memory (W18) Table 8: Signal Descriptions - QUAD+ Package (Sheet 1 of 2) Symbol Type Description A[MAX:MIN] Input ADDRESS INPUTS: Inputs for all die addresses during read and write operations. —256-Mbit Die : AMAX= A23 —128-Mbit Die : AMAX = A22 —64-Mbit Die : AMAX = A21 —32-Mbit Die : AMAX = A20 —8-Mbit Die : AMAX = A18 A0 is the lowest-order 16-bit wide address. A[25:24] denote high-order addresses reserved for future device densities. D[15:0] Input/ Output DATA INPUTS/OUTPUTS: Inputs data and commands during write cycles, outputs data during read cycles. Data signals float when the device or its outputs are deselected. Data are internally latched during writes on the flash device. F[3:1]-CE# Input FLASH CHIP ENABLE: Low-true input. F[3:1]-CE# low selects the associated flash memory die. When asserted, flash internal control logic, input buffers, decoders, and sense amplifiers are active. When deasserted, the associated flash die is deselected, power is reduced to standby levels, data and WAIT outputs are placed in high-Z state. F1-CE# selects or deselects flash die #1; F2-CE# selects or deselects flash die #2 and is RFU on combinations with only one flash die. F3-CE# selects or deselects flash die #3 and is RFU on stacked combinations with only one or two flash dies. S-CS1# S-CS2 Input SRAM CHIP SELECT: Low-true / High-true input (S-CS1# / S-CS2 respectively). When either/both SRAM Chip Select signals are asserted, SRAM internal control logic, input buffers, decoders, and sense amplifiers are active. When either/both SRAM Chip Select signals are deasserted, the SRAM is deselected and its power is reduced to standby levels. S-CS1# and S-CS2 are available on stacked combinations with SRAM die and are RFU on stacked combinations without SRAM die. P[2:1]-CS# Input PSRAM CHIP SELECT: Low-true input. When asserted, PSRAM internal control logic, input buffers, decoders, and sense amplifiers are active. When deasserted, the PSRAM is deselected and its power is reduced to standby levels. P1-CS# selects PSRAM die #1 and is available only on stacked combinations with PSRAM die. This ball is an RFU on stacked combinations without PSRAM. P2-CS# selects PSRAM die #2 and is available only on stacked combinations with two PSRAM dies. This ball is an RFU on stacked combinations without PSRAM or with a single PSRAM. F[2:1]-OE# Input FLASH OUTPUT ENABLE: Low-true input. Fx-OE# low enables the selected flash’s output buffers. F[2:1]-OE# high disables the selected flash’s output buffers, placing them in High-Z. F1-OE# controls the outputs of flash die #1; F2-OE# controls the outputs of flash die #2 and flash die #3. F2-OE# is available on stacked combinations with two or three flash die and is RFU on stacked combinations with only one flash die. R-OE# Input RAM OUTPUT ENABLE: Low-true input. R-OE# low enables the selected RAM’s output buffers. R-OE# high disables the RAM output buffers, and places the selected RAM outputs in High-Z. R-OE# is available on stacked combinations with PSRAM or SRAM die, and is an RFU on flash-only stacked combinations. F-WE# Input FLASH WRITE ENABLE: Low-true input. F-WE# controls writes to the selected flash die. Address and data are latched on the rising edge of F- WE#. R-WE# Input RAM WRITE ENABLE: Low-true input. R-WE# controls writes to the selected RAM die. R-WE# is available on stacked combinations with PSRAM or SRAM die and is an RFU on flash-only stacked combinations. CLK Input CLOCK: Synchronizes the flash die with the system bus clock in synchronous read mode and increments the internal address generator. During synchronous read operations, addresses are latched on the rising edge of ADV#, or on the next valid CLK edge with ADV# low, whichever occurs first. In asynchronous mode, addresses are latched on the rising edge ADV#, or are continuously flow- through when ADV# is kept asserted. |