công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC48F4400P0PB0 bảng dữ liệu(PDF) 88 Page - Numonyx B.V

tên linh kiện PC48F4400P0PB0
Giải thích chi tiết về linh kiện  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUMONYX [Numonyx B.V]
Trang chủ  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400P0PB0 bảng dữ liệu(HTML) 88 Page - Numonyx B.V

Back Button PC48F4400P0PB0 Datasheet HTML 84Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 85Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 86Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 87Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 88Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 89Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 90Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 91Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 92Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
88
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
3.
All partitions default to Read Array mode at power-up. A Read Array command issued to a busy partition results in
undermined data when a partition address is read.
4.
Both cycles of 2 cycles commands should be issued to the same partition address. If they are issued to different partitions,
the second write determines the active partition. Both partitions will output status information when read.
5.
If the WSM is active, both cycles of a 2 cycle command are ignored. This differs from previous Numonyx devices.
6.
The Clear Status command clears Status Register error bits except when the WSM is running (Pgm Busy, Erase Busy, Pgm
Busy In Erase Suspend, OTP Busy, EFP modes) or suspended (Erase Suspend, Pgm Suspend, Pgm Suspend In Erase
Suspend).
7.
EFP writes are allowed only when Status Register bit SR.0 = 0. EFP is busy if Block Address = address at EFP Confirm
command. Any other commands are treated as data.
8.
The "current state" is that of the WSM, not the partition.
9.
Confirm commands (Lock Block, Unlock Block, Lock-down Block, Configuration Register) perform the operation and then
move to the Ready State.
10.
In Erase suspend, the only valid two cycle commands are "Program Word", "Lock/Unlock/Lockdown Block", and "CR
Write". Both cycles of other two cycle commands ("OEM CAM program & confirm", "Program OTP & confirm", "EFP Setup &
confirm", "Erase setup & confirm") will be ignored. In Program suspend or Program suspend in Erase suspend, both cycles
of all two cycle commands will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com