| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5411 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5411 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 72 page ![]() Table 7b: RXACT (indication) and TXACT (command) codes. CODES NT1 (GCI ONLY, AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD (1) 1 0 001 – RES 2 0 010 – SP1 3 0 011 – RDT 4 0 1 0 0 EI EI 5 0 101 – PDN 6 0 110 – – 7 0 111 – QM 8 1 0 0 0 AP AR 9 1 001 – – A 1 0 1 0 ARL – B 1 011 – SP3 C 1 1 0 0 AI AI D 1 101 – – E 1 110 – AIL F 1 1 1 1 DI DI (1) SET Bx PIN TO ‘0‘ IS EQUIVALENT TO A PUP COMMANDE CODES NTRR (GCI ONLY, AUTO-MODE) LTRR (GCI ONLY, AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD (1) (2) PUP/DR 1 0 0 0 1 EIU RES EIU RES 2 001 0 – – – – 3 001 1 – – – – 4 0 1 0 0 EIEIEI FA0 5 010 1 – – – – 6 0 1 1 0 UAP UAI UAI UAR 7 011 1 – – – – 8 100 0 AP AR AP AR 9 100 1 – – – – A 1 0 1 0 ARL – – ARL B 101 1 – – – – C 1 1 0 0 AIAIAI AI D 110 1 – – – – E 111 0 – – – – F 111 1 DI DI DI DI (1) SET Bx PIN TO ‘0‘ IS EQUIVALENT TO A PUP COMMANDE STLC5411 38/72 |