| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5411 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5411 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 72 page ![]() Table 7a: RXACT (indication) and TXACT (command) codes CODES NT (GCI or MW, NON AUTO-MODE) LT (GCI or MW, NON AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD PUP (1) – PUP/DR 1 0 0 0 1 EIU RES EIU RES 2 0 0 1 0 – SP1 – SP1 3 001 1 – RDT – RDT 4 0 1 0 0 EIEIEI FA0 5 0 1 0 1 – PDN – PDN 6 0 1 1 0 – – UAI UAR 7 011 1 – QM – QM 8 100 0 AP AR AP AR 9 100 1 – – – – A 101 0 – – – ARL B 1 0 1 1 – SP3 – SP3 C 1 1 0 0 AIAIAI AI D 110 1 – – – – E 111 0 – AIL – – F 111 1 DI DI DI DI Note: (1) ONLY IN SLAVE MODE IN MASTER. MODE, SET BXpin TO ‘0‘ TO HAVE THE SAME EFFECT THAN PUP. CODES NTRR (GCI or MW, NON AUTO-MODE) LTRR (GCI or MW, NON AUTO-MODE) C4 C3 C2 C1 RXACT (indications) TXACT (commands) RXACT (indications) TXACT (commands) 0 0 0 0 0 DP/LSD PUP (1) – PUP/DR 1 0 0 0 1 EIU RES EIU RES 2 0 0 1 0 – SP1 – SP1 3 001 1 – RDT – RDT 4 0 1 0 0 EIEIEI FA0 5 0 1 0 1 – PDN – PDN 6 0 1 1 0 UAP UAI UAI UAR 7 011 1 – QM – QM 8 100 0 AP AR AP AR 9 100 1 – – – – A 101 0 – – – ARL B 1 0 1 1 – SP3 – SP3 C 1 1 0 0 AIAIAI AI D 110 1 – – – – E 111 0 – – – – F 111 1 DI DI DI DI (1) ONLY IN SLAVE MODE. STLC5411 37/72 |