| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLC5048 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5048 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 45 page ![]() STLC5048 32/45 B Filter Coefficient (BFC) The register is used to set the 26 coefficients (each of 16 bits) of the B filter of the channel #n. . . Z Filter Coefficient (ZFC) The register is used to set the 5 coefficients (each of 16 bits) of the Z filter of the channel #n. . . Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 R/W 1 000100 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 R/W 1 000101 |