| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM7E1AR bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM7E1AR bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() STM7E1 Maximum ratings 11/16 Note: 1 These parameters are not tested in production. 2 This power is not delivered by VPOS and VNEG supplies but by the signal sources. 3 Only valid with digital inputs to GND or VPOS levels. Table 11. Current consumption specifications Symbol Parameter Value Unit Min. Typ. Max. Pmain (1) Maximal average power dissipation in the main switches 40 mW Paux (1) Maximal average power dissipation in the auxiliary switches 150 mW ISTDBY(VNEG) (1,3) Standby (no switching) current of VNEG -500 500 µA ISTDBY(VPOS) (1,3) Standby (no switching) current of VPOS -500 500 µA ESWITCH(VNEG) (1) Energy to be delivered to by VPOS when switching -100 100 nJ ESWITCH(VPOS) (1) Energy to be delivered to by VPOS when switching -100 100 nJ |