công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T00S bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện M41T00S
Giải thích chi tiết về linh kiện  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 11Page - STMicroelectronics M41T00S_08 Datasheet HTML 12Page - STMicroelectronics M41T00S_08 Datasheet HTML 13Page - STMicroelectronics M41T00S_08 Datasheet HTML 14Page - STMicroelectronics M41T00S_08 Datasheet HTML 15Page - STMicroelectronics M41T00S_08 Datasheet HTML 16Page - STMicroelectronics M41T00S_08 Datasheet HTML 17Page - STMicroelectronics M41T00S_08 Datasheet HTML 18Page - STMicroelectronics M41T00S_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
M41T00S
Clock operation
15/26
Figure 10.
Crystal accuracy across temperature
Figure 11.
Clock calibration
3.2.1
Century bit
Bits D7 and D6 of Clock Register 02h contain the CENTURY ENABLE bit (CEB) and the
CENTURY bit (CB). Setting CEB to a '1' will cause CB to toggle, either from a '0' to '1' or
from '1' to '0' at the turn of the century (depending upon its initial state). If CEB is set to a '0,'
CB will not toggle.
3.2.2
Oscillator fail detection
If the Oscillator Fail bit (OF) is internally set to '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data.
AI07888
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C
2 ± 0.006 ppm/°C2
K
ΔF
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com