công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T00S bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện M41T00S
Giải thích chi tiết về linh kiện  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 7Page - STMicroelectronics M41T00S_08 Datasheet HTML 8Page - STMicroelectronics M41T00S_08 Datasheet HTML 9Page - STMicroelectronics M41T00S_08 Datasheet HTML 10Page - STMicroelectronics M41T00S_08 Datasheet HTML 11Page - STMicroelectronics M41T00S_08 Datasheet HTML 12Page - STMicroelectronics M41T00S_08 Datasheet HTML 13Page - STMicroelectronics M41T00S_08 Datasheet HTML 14Page - STMicroelectronics M41T00S_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
M41T00S
Operation
11/26
2.4
Data retention mode
With valid VCC applied, the M41T00S can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the power input will be switched from the
VCC pin to the battery when VCC falls below the battery backup switchover voltage (VSO). At
this time the clock registers will be maintained by the attached battery supply. On power-up,
when VCC returns to a nominal value, write protection continues for tREC.
For a further, more detailed review of lifetime calculations, please see Application Note
AN1012.
Figure 9.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26