
List of Figures
Figure 1-1.
Stellaris
® 6000 Series High-Level Block Diagram ............................................................... 29
Figure 2-1.
CPU Block Diagram ......................................................................................................... 38
Figure 2-2.
TPIU Block Diagram ........................................................................................................ 39
Figure 5-1.
JTAG Module Block Diagram ............................................................................................ 49
Figure 5-2.
Test Access Port State Machine ....................................................................................... 52
Figure 5-3.
IDCODE Register Format ................................................................................................. 57
Figure 5-4.
BYPASS Register Format ................................................................................................ 58
Figure 5-5.
Boundary Scan Register Format ....................................................................................... 58
Figure 6-1.
External Circuitry to Extend Reset .................................................................................... 60
Figure 7-1.
Hibernation Module Block Diagram ................................................................................. 121
Figure 8-1.
Flash Block Diagram ...................................................................................................... 139
Figure 9-1.
GPIO Port Block Diagram ............................................................................................... 164
Figure 9-2.
GPIODATA Write Example ............................................................................................. 165
Figure 9-3.
GPIODATA Read Example ............................................................................................. 165
Figure 10-1.
GPTM Module Block Diagram ........................................................................................ 205
Figure 10-2.
16-Bit Input Edge Count Mode Example .......................................................................... 209
Figure 10-3.
16-Bit Input Edge Time Mode Example ........................................................................... 210
Figure 10-4.
16-Bit PWM Mode Example ............................................................................................ 211
Figure 11-1.
WDT Module Block Diagram .......................................................................................... 240
Figure 12-1.
ADC Module Block Diagram ........................................................................................... 264
Figure 12-2.
Internal Temperature Sensor Characteristic ..................................................................... 267
Figure 13-1.
UART Module Block Diagram ......................................................................................... 297
Figure 13-2.
UART Character Frame ................................................................................................. 298
Figure 13-3.
IrDA Data Modulation ..................................................................................................... 300
Figure 14-1.
SSI Module Block Diagram ............................................................................................. 337
Figure 14-2.
TI Synchronous Serial Frame Format (Single Transfer) .................................................... 339
Figure 14-3.
TI Synchronous Serial Frame Format (Continuous Transfer) ............................................ 340
Figure 14-4.
Freescale SPI Format (Single Transfer) with SPO=0 and SPH=0 ...................................... 341
Figure 14-5.
Freescale SPI Format (Continuous Transfer) with SPO=0 and SPH=0 .............................. 341
Figure 14-6.
Freescale SPI Frame Format with SPO=0 and SPH=1 ..................................................... 342
Figure 14-7.
Freescale SPI Frame Format (Single Transfer) with SPO=1 and SPH=0 ........................... 343
Figure 14-8.
Freescale SPI Frame Format (Continuous Transfer) with SPO=1 and SPH=0 .................... 343
Figure 14-9.
Freescale SPI Frame Format with SPO=1 and SPH=1 ..................................................... 344
Figure 14-10. MICROWIRE Frame Format (Single Frame) .................................................................... 345
Figure 14-11. MICROWIRE Frame Format (Continuous Transfer) ......................................................... 346
Figure 14-12. MICROWIRE Frame Format, SSIFss Input Setup and Hold Requirements ........................ 346
Figure 15-1.
I2C Block Diagram ......................................................................................................... 374
Figure 15-2.
I2C Bus Configuration .................................................................................................... 375
Figure 15-3.
START and STOP Conditions ......................................................................................... 375
Figure 15-4.
Complete Data Transfer with a 7-Bit Address ................................................................... 376
Figure 15-5.
R/S Bit in First Byte ........................................................................................................ 376
Figure 15-6.
Data Validity During Bit Transfer on the I2C Bus ............................................................... 376
Figure 15-7.
Master Single SEND ...................................................................................................... 379
Figure 15-8.
Master Single RECEIVE ................................................................................................. 380
Figure 15-9.
Master Burst SEND ....................................................................................................... 381
9
November 30, 2007
Preliminary
LM3S6965 Microcontroller