công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3S6965 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện LM3S6965
Giải thích chi tiết về linh kiện  Microcontroller
PDF  578 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S6965 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LM3S6965 Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S6965 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 578 page
background image
Meaning
Notation
Register bits marked reserved are reserved for future use. In most cases, reserved bits are set to
0; however, user software should not rely on the value of a reserved bit. To provide software
compatibility with future products, the value of a reserved bit should be preserved across a
read-modify-write operation.
reserved
The range of register bits inclusive from xx to yy. For example, 31:15 means bits 15 through 31 in
that register.
yy:xx
This value in the register bit diagram indicates whether software running on the controller can
change the value of the bit field.
Register Bit/Field
Types
Software can read this field. The bit or field is cleared by hardware after reading the bit/field.
RC
Software can read this field. Always write the chip reset value.
RO
Software can read or write this field.
R/W
Software can read or write this field. A write of a 0 to a W1C bit does not affect the bit value in the
register. A write of a 1 clears the value of the bit in the register; the remaining bits remain unchanged.
This register type is primarily used for clearing interrupt status bits where the read operation
provides the interrupt status and the write of the read value clears only the interrupts being reported
at the time the register was read.
R/W1C
Software can write this field. A write of a 0 to a W1C bit does not affect the bit value in the register.
A write of a 1 clears the value of the bit in the register; the remaining bits remain unchanged. A
read of the register returns no meaningful data.
This register is typically used to clear the corresponding bit in an interrupt register.
W1C
Only a write by software is valid; a read of the register returns no meaningful data.
WO
This value in the register bit diagram shows the bit/field value after any reset, unless noted.
Register Bit/Field
Reset Value
Bit cleared to 0 on chip reset.
0
Bit set to 1 on chip reset.
1
Nondeterministic.
-
Pin/Signal Notation
Pin alternate function; a pin defaults to the signal without the brackets.
[ ]
Refers to the physical connection on the package.
pin
Refers to the electrical signal encoding of a pin.
signal
Change the value of the signal from the logically False state to the logically True state. For active
High signals, the asserted signal value is 1 (High); for active Low signals, the asserted signal value
is 0 (Low). The active polarity (High or Low) is defined by the signal name (see SIGNAL and SIGNAL
below).
assert a signal
Change the value of the signal from the logically True state to the logically False state.
deassert a signal
Signal names are in uppercase and in the Courier font. An overbar on a signal name indicates that
it is active Low. To assert SIGNAL is to drive it Low; to deassert SIGNAL is to drive it High.
SIGNAL
Signal names are in uppercase and in the Courier font. An active High signal has no overbar. To
assert SIGNAL is to drive it High; to deassert SIGNAL is to drive it Low.
SIGNAL
Numbers
An uppercase X indicates any of several values is allowed, where X can be any legal pattern. For
example, a binary value of 0X00 can be either 0100 or 0000, a hex value of 0xX is 0x0 or 0x1, and
so on.
X
Hexadecimal numbers have a prefix of 0x. For example, 0x00FF is the hexadecimal number FF.
All other numbers within register tables are assumed to be binary. Within conceptual information,
binary numbers are indicated with a b suffix, for example, 1011b, and decimal numbers are written
without a prefix or suffix.
0x
21
November 30, 2007
Preliminary
LM3S6965 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com