công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C164CM bảng dữ liệu(PDF) 95 Page - Infineon Technologies AG

tên linh kiện C164CM
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcontroller
PDF  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM bảng dữ liệu(HTML) 95 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 91Page - Infineon Technologies AG C164CM Datasheet HTML 92Page - Infineon Technologies AG C164CM Datasheet HTML 93Page - Infineon Technologies AG C164CM Datasheet HTML 94Page - Infineon Technologies AG C164CM Datasheet HTML 95Page - Infineon Technologies AG C164CM Datasheet HTML 96Page - Infineon Technologies AG C164CM Datasheet HTML 97Page - Infineon Technologies AG C164CM Datasheet HTML 98Page - Infineon Technologies AG C164CM Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 470 page
background image
C164CM/C164SM
Derivatives
Interrupt and Trap Functions
User’s Manual
5-5
V1.0, 2002-02
Normal Interrupt Processing and PEC Service
During each instruction cycle, one out of all sources requiring PEC or interrupt
processing is selected according to its interrupt priority. This priority of interrupts and
PEC requests is programmable in two levels. Each requesting source can be assigned
to a specific priority. A second level (called “group priority”) allows to specify an internal
order for simultaneous requests from a group of different sources on the same priority
level. At the end of each instruction cycle, the one source request with the highest current
priority will be determined by the interrupt system. This request will then be serviced if
its priority is higher than the current CPU priority in register PSW.
Interrupt System Register Description
Interrupt processing is controlled globally by register PSW through a general interrupt
enable bit (IEN) and the CPU priority field (ILVL). Additionally, the different interrupt
sources are controlled individually by their specific interrupt control registers (… IC).
Thus, the acceptance of requests by the CPU is determined by both the individual
interrupt control registers and by the PSW. PEC services are controlled by the respective
PECCx register and by the source and destination pointers which specify the task of the
respective PEC service channel.
5.1.1
Interrupt Control Registers
All interrupt control registers are organized identically. The lower 8 bits of an interrupt
control register contain complete interrupt status information for the associated source,
which is required for one round of prioritization; the upper 8 bits of the respective register
are reserved. All interrupt control registers are bit-addressable and all bits can be read or
written via software. This allows each interrupt source to be programmed or modified
with just one instruction. When accessing interrupt control registers through instructions
which operate on word data types, their upper 8 bits (15 … 8) will return zeros when
read, and will discard written data.
The layout of the Interrupt Control registers shown below applies to each xxIC register,
where xx represents the mnemonic for the respective source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com