công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C164CM bảng dữ liệu(PDF) 43 Page - Infineon Technologies AG

tên linh kiện C164CM
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcontroller
PDF  470 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM bảng dữ liệu(HTML) 43 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 39Page - Infineon Technologies AG C164CM Datasheet HTML 40Page - Infineon Technologies AG C164CM Datasheet HTML 41Page - Infineon Technologies AG C164CM Datasheet HTML 42Page - Infineon Technologies AG C164CM Datasheet HTML 43Page - Infineon Technologies AG C164CM Datasheet HTML 44Page - Infineon Technologies AG C164CM Datasheet HTML 45Page - Infineon Technologies AG C164CM Datasheet HTML 46Page - Infineon Technologies AG C164CM Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 470 page
background image
C164CM/C164SM
Derivatives
Memory Organization
User’s Manual
3-5
V1.0, 2002-02
Note: The upper 256 Bytes of the SFR area, the ESFR area, and the Internal RAM are
bit-addressable (see shaded blocks in Figure 3-3).
Code accesses are always made on even byte addresses. The highest possible code
storage location in the Internal RAM is either 00’FDFEH for single word instructions or
00’FDFCH for double word instructions. The respective location must contain a branch
instruction (unconditional), because sequential boundary crossing from Internal RAM to
the SFR area is not supported and causes erroneous results.
Any word and byte data in the Internal RAM can be accessed via indirect or long 16-bit
addressing modes, if the selected DPP register points to data page 3. Any word data
access is made on an even byte address. The highest possible word data storage
location in the internal RAM is 00’FDFEH. For PEC data transfers, the internal RAM can
be accessed independent of the contents of the DPP registers via the PEC source and
destination pointers.
The upper 256 Bytes of the Internal RAM (00’FD00H through 00’FDFFH) and the GPRs
of the current bank are provided for single bit storage, and thus they are bit-addressable.
System Stack
The system stack may be defined within the Internal RAM. The size of the system stack
is controlled by bitfield STKSZ in register SYSCON (see Table 3-1).
For all system stack operations the on-chip RAM is accessed via the Stack Pointer (SP)
register. The stack grows downward from higher towards lower RAM address locations.
Only word accesses are supported to the system stack. A stack overflow (STKOV)
register and a stack underflow (STKUN) register are provided to control the lower and
upper limits of the selected stack area. These two stack boundary registers can be used
both for protection against data destruction and for implementation of a circular stack
with hardware-supported system stack flushing and filling (except for option ‘111’). The
technique for implementing the circular stack is described in Chapter 22.
Table 3-1
System Stack Size Encoding
<STKSZ>
Stack Size (words) Internal RAM Addresses (words)
0 0 0B
256
00’FBFEH … 00’FA00H (Default after Reset)
0 0 1B
128
00’FBFEH … 00’FB00H
0 1 0B
64
00’FBFEH … 00’FB80H
0 1 1B
32
00’FBFEH … 00’FBC0H
1 0 0B
512
00’FBFEH … 00’F800H
1 0 1B
–
Reserved. Do not use this combination.
1 1 0B
–
Reserved. Do not use this combination.
1 1 1B
1024
00’FDFEH … 00’F600H (Note: No circular stack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com