công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB64X bảng dữ liệu(PDF) 14 Page - ATMEL Corporation

tên linh kiện AT90USB64X
Giải thích chi tiết về linh kiện  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB64X bảng dữ liệu(HTML) 14 Page - ATMEL Corporation

Back Button AT90USB64X Datasheet HTML 10Page - ATMEL Corporation AT90USB64X Datasheet HTML 11Page - ATMEL Corporation AT90USB64X Datasheet HTML 12Page - ATMEL Corporation AT90USB64X Datasheet HTML 13Page - ATMEL Corporation AT90USB64X Datasheet HTML 14Page - ATMEL Corporation AT90USB64X Datasheet HTML 15Page - ATMEL Corporation AT90USB64X Datasheet HTML 16Page - ATMEL Corporation AT90USB64X Datasheet HTML 17Page - ATMEL Corporation AT90USB64X Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
7618C–AVR–07/08
Important note:
The bootloader performs a watchdog reset to generate the “hardware reset” that allows to exe-
cute the application section. After a watchdog reset occurs, the AVR watchdog is still running,
thus the application should take care to disable watchdog at program start-up (otherwise the
application that does not manage the hardware watchdog will run in an infinite reset loop).
4.11
Request From Host
4.12
Answer from Bootloader
No answer is returned by the device.
5.
Security
When the USB bootloader connection is initiated, the bootloader automatically enters a
read/write software security mode (independent of the product lock bits settings). This allows to
protect the on-chip flash content from read/write access over the USB interface. Thus the only
DFU command allowed after a USB bootloader connection is a “Full Chip Erase” command.
After this “Full Chip Erase” has been received and properly executed, all DFU commands are
allowed, and thus the on-chip flash can be reprogrammed and verified.
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_write_command
04h
03h
00h
Hardware reset
01h
address
LJMP address
IN
Jump O
SETUP
DFU_UPLOAD
OUT
ZLP
SETUP
DFU_UPLOAD
ption (3 or 5 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com