công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB64X bảng dữ liệu(PDF) 9 Page - ATMEL Corporation

tên linh kiện AT90USB64X
Giải thích chi tiết về linh kiện  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB64X bảng dữ liệu(HTML) 9 Page - ATMEL Corporation

Back Button AT90USB64X Datasheet HTML 5Page - ATMEL Corporation AT90USB64X Datasheet HTML 6Page - ATMEL Corporation AT90USB64X Datasheet HTML 7Page - ATMEL Corporation AT90USB64X Datasheet HTML 8Page - ATMEL Corporation AT90USB64X Datasheet HTML 9Page - ATMEL Corporation AT90USB64X Datasheet HTML 10Page - ATMEL Corporation AT90USB64X Datasheet HTML 11Page - ATMEL Corporation AT90USB64X Datasheet HTML 12Page - ATMEL Corporation AT90USB64X Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
7618C–AVR–07/08
4.6.1
Request From Host
4.6.1.1
Write Command
The write command is 6 bytes long. In order to meet with the USB specification of the Control
type transfers, the write command is completed with 26 (= 32 - 6) non-significant bytes. The total
length of the command is then 32 bytes, which is the length of the Default Control Endpoint.
4.6.1.2
Firmware
The firmware can now be downloaded to the device. In order to be in accordance with the Flash
page size (128 bytes), X non-significant bytes are added before the first byte to program. The X
number is calculated to align the beginning of the firmware with the Flash page. X =
start_address [32]. For example, if the start address is 00AFh (175d), X = 175 [32] = 15.
4.6.1.3
DFU Suffix
The DFU suffix of 16 bytes is added just after the last byte to program. This suffix is reserved for
future use.
-10
idVendor
2
ID
The vendor ID associated with this file. Either FFFFh or
must match device’s vendor ID
-12
idProduct
2
ID
The product ID associated with this file. Either FFFFh or
must match the device’s product ID
-14
bcdDevice
2
BCD
The release number of the device associated with this
file. Either FFFFh or a BCD firmware release or version
number
Offset
Field
Size
Value
Description
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_DNLOAD (1)
wBlock
Interface (4)
Length
Firmware
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_prog_start
01h
00h
start_address
end_address
Init FLASH programming
01h
Init EEPROM programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com