công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM9263-CU bảng dữ liệu(PDF) 29 Page - ATMEL Corporation

tên linh kiện AT91SAM9263-CU
Giải thích chi tiết về linh kiện  AT91 ARM Thumb Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU bảng dữ liệu(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 25Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 26Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 27Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 28Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 29Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 30Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 31Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 32Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
29
6249BS–ATARM–18-Dec-06
AT91SAM9263 Preliminary
9.5
Power Management Controller
•Provides:
– the Processor Clock PCK
– the Master Clock MCK, in particular to the Matrix and the memory interfaces
– the USB Device Clock UDPCK
– the USB Host Clock UHPCK
– independent peripheral clocks, typically at the frequency of MCK
– four programmable clock outputs: PCK0 to PCK3
• Five flexible operating modes:
– Normal Mode with processor and peripherals running at a programmable frequency
– Idle Mode with processor stopped while waiting for an interrupt
– Slow Clock Mode with processor and peripherals running at low frequency
– Standby Mode, mix of Idle and Backup Mode, with peripherals running at low
frequency, processor stopped waiting for an interrupt
– Backup Mode with Main Power Supplies off, VDDBU powered by a battery
Figure 9-3.
AT91SAM9263 Power Management Controller Block Diagram
9.6
Periodic Interval Timer
• Includes a 20-bit Periodic Counter, with less than 1 µs accuracy
• Includes a 12-bit Interval Overlay Counter
• Real-time OS or Linux
®/WindowsCE® compliant tick generator
9.7
Watchdog Timer
• 16-bit key-protected Counter, programmable only once
MCK
periph_clk[..]
int
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
PCK
Processor
Clock
Controller
Idle Mode
Master Clock Controller
Peripherals
Clock Controller
ON/OFF
USB Clock Controller
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
Programmable Clock Controller
PLLBCK
Divider
/1,/2,/4
pck[..]
PLLBCK
PLLBCK
UDPCK
Divider
/1,/2,/3,/4
ON/OFF
UHPCK
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com