công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM9263-CU bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện AT91SAM9263-CU
Giải thích chi tiết về linh kiện  AT91 ARM Thumb Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 17Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 18Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 19Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 20Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 21Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 22Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 23Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 24Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
6249BS–ATARM–18-Dec-06
AT91SAM9263 Preliminary
A first level of address decoding is performed by the Bus Matrix, i.e., the implementation of the
Advanced High Performance Bus (AHB) for its master and slave interfaces with additional
features.
Decoding breaks up the 4G bytes of address space into 16 banks of 256M bytes. The banks 1 to
9 are directed to the EBI0 that associates these banks to the external chip selects EBI0_NCS0
to EBI0_NCS5 and EBI1_NCS0 to EBI1_NCS2. The bank 0 is reserved for the addressing of the
internal memories, and a second level of decoding provides 1M bytes of internal memory area.
Bank 15 is reserved for the peripherals and provides access to the Advanced Peripheral Bus
(APB).
Other areas are unused and performing an access within them provides an abort to the master
requesting such an access.
Each master has its own bus and its own decoder, thus allowing a different memory mapping for
each master. However, in order to simplify the mappings, all the masters have a similar address
decoding.
Regarding Master 0 and Master 1 (ARM926 Instruction and Data), three different slaves are
assigned to the memory space decoded at address 0x0: one for internal boot, one for external
boot and one after remap. Refer to Table 8-1, “Internal Memory Mapping,” on page 21 for
details.
A complete memory map is presented in Figure 8-1 on page 20.
8.1
Embedded Memories
•128 Kbyte ROM
– Single Cycle Access at full matrix speed
• One 80 Kbyte Fast SRAM
– Single Cycle Access at full matrix speed
– Supports ARM926EJ-S TCM interface at full processor speed
– Allows internal Frame Buffer for up to 1/4 VGA 8 bpp screen
• 16 Kbyte Fast SRAM
– Single Cycle Access at full matrix speed
8.1.1
Internal Memory Mapping
Table 8-1 summarizes the Internal Memory Mapping, depending on the Remap status and the
BMS state at reset.
8.1.1.1
Internal 80 Kbyte Fast SRAM
The AT91SAM9263 device embeds a high-speed 80 Kbyte SRAM. This internal SRAM is split
into three areas. Its memory mapping is presented in Figure 8-1 on page 20.
• Internal SRAM A is the ARM926EJ-S Instruction TCM. The user can map this SRAM block
anywhere in the ARM926 instruction memory space using CP15 instructions and the TCR
Table 8-1.
Internal Memory Mapping
Address
REMAP = 0
REMAP = 1
BMS = 1
BMS = 0
0x0000 0000
ROM
EBI_NCS0
SRAM C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com