công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8260ACPZ-R7 bảng dữ liệu(PDF) 26 Page - Analog Devices

tên linh kiện AD8260ACPZ-R7
Giải thích chi tiết về linh kiện  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8260ACPZ-R7 bảng dữ liệu(HTML) 26 Page - Analog Devices

Back Button AD8260ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8260ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD8260
Rev. 0 | Page 26 of 32
EVALUATION BOARD
Analog Devices provides evaluation boards to customers as a
support service so that the circuit designer can become familiar
with the device in the most efficient way possible. The AD8260
evaluation board provides a fast, easy, and convenient means to
assess the performance of the AD8260 before going through the
inconvenience and expense of design and layout of a custom
board. The board is shipped fully assembled and tested and
provides basic functionality as shipped. Connectors enable the
user to connect standard types of lab test equipment without
having to wait for the rest of the design to be completed. Figure 67
shows a digital image of the top view and Figure 70 shows the
schematic.
PCB artwork for all conductor and silkscreen layers is shown in
Figure 71 through Figure 76. A description of a typical test setup is
explained in the Connecting the Evaluation Board section. The
artwork can be used as a guide in circuit layout and parts
placement. This is particularly useful for multiple function
circuits with many pins, requiring multiple passive components.
The board is shipped with the device fully enabled. Moving the
ENABLE jumper to its upper position on the board disables the
device. When the TX_EN jumper is in its upper position, the
high current driver is disabled.
Figure 67. Top View of the AD8260-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32