| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM335 bảng dữ liệu(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM335 bảng dữ liệu(HTML) 75 Page - Texas Instruments |
|
75 / 156 page ![]() 3.6 PLL Controller (PLLC) 3.6.1 PLL Controller Module TMS320DM335 Digital Media System-on-Chip (DMSoC) www.ti.com SPRS528 – JULY 2008 This section describes the PLL Controllers for PLL1 and PLL2. See the TMS320DM335 Digital Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFX7) for more information on the PLL controllers. The DM335 has two PLL controllers that provide clocks to different components of the chip. PLL controller 1 (PLLC1) provides clocks to most of the components of the chip. PLL controller 2 (PLLC2) provides clocks to the DDR PHY. As a module, the PLL controller provides the following: • Glitch-free transitions (on changing PLL settings) • Domain clocks alignment • Clock gating • PLL bypass • PLL power down The various clock outputs given by the PLL controller are as follows: • Domain clocks: SYSCLKn • Bypass domain clock: SYSCLKBP • Auxiliary clock from reference clock: AUXCLK Various dividers that can be used are as follows: • Pre-PLL divider: PREDIV • Post-PLL divider: POSTDIV • SYSCLK divider: PLLDIV1, …, PLLDIVn • SYSCLKBP divider: BPDIV Multipliers supported are as follows: • PLL multiplier control: PLLM Submit Documentation Feedback Detailed Device Description 75 |