| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5705PAPR bảng dữ liệu(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAPR bảng dữ liệu(HTML) 62 Page - Texas Instruments |
|
62 / 71 page ![]() PWM OUTPUT MUX REGISTER (0x25) TAS5705 SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com This DAP output Mux selects which internal PWM channel is output to the external pins. Any channel can be output to any external output pin. Bits D30–D25: Selects which PWM channel is output to HPL_PWM and HPR_PWM Bits D23–D20: Selects which PWM channel is output to OUT_A Bits D19–D16: Selects which PWM channel is output to OUT_B Bits D15–D12: Selects which PWM channel is output to OUT_C Bits D11–D08: Selects which PWM channel is output to OUT_D Bits D07–D04: Selects which PWM channel is output to SUB_PWM– Bits D03–D00: Selects which PWM channel is output to SUB_PWM+ Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 6 = 0x05. Table 29. PWM Output Mux Register (0x25) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 – – – – – – – Reserved (1) – 0 0 0 – – – – Multiplex channel 1 to HPL_PWM (1) – 0 0 1 – – – – Multiplex channel 2 to HPL_PWM – 0 1 0 – – – – Multiplex channel 3 to HPL_PWM – 0 1 1 – – – – Multiplex channel 4 to HPL_PWM – 1 0 0 – – – – Multiplex channel 5 to HPL_PWM – 1 0 1 – – – – Multiplex channel 6 to HPL_PWM – 1 1 X – – – – Reserved – – – – 0 – – – Reserved – – – – – 0 0 0 Multiplex channel 1 to HPR_PWM – – – – – 0 0 1 Multiplex channel 2 to HPR_PWM (1) – – – – – 0 1 0 Multiplex channel 3 to HPR_PWM – – – – – 0 1 1 Multiplex channel 4 to HPR_PWM – – – – – 1 0 0 Multiplex channel 5 to HPR_PWM – – – – – 1 0 1 Multiplex channel 6 to HPR_PWM – – – – – 1 1 X Reserved (1) Default values are in bold. 62 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5705 |