| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5705PAPR bảng dữ liệu(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAPR bảng dữ liệu(HTML) 60 Page - Texas Instruments |
|
60 / 71 page ![]() DOWNMIX INPUT MULTIPLEXER REGISTER (0x21) TAS5705 SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com Bits D31–D16: Unused Bits D15–D13: Reserved Bit D12: If 1, selects downmix data L’ to DAP internal channel 1 If 0, selects channel 1 data (from input Mux 1) to DAP internal channel 1 Bit D11: If 1, selects downmix data R’ to the DAP internal channel 2 If 0, selects channel 2 data (from input Mux 2) to DAP internal channel 2 Bits D10–D8: Reserved Bits D7–D3: Reserved Bit D1: If 1, enable data from input Mux 2 to downmix block If 0, disable data from input Mux 2 to downmix block Bit D0: If 1, enable data from input Mux 1 to downmix block If 0, disable data from input Mux 1 to downmix block Table 25. Downmix Input Multiplexer Register D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION – – – – – – – – Unused D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION – – – – – – – – Unused D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 1 0 – – – – – Reserved (1) – – – 0 – – – – Enable channel 1 data to channel 1 (1) – – – 1 – – – – Enable downmix data L’ to channel 1 – – – – 0 – – – Enable channel 2 data to channel 2 (1) – – – – 1 – – – Enable downmix data R’ to channel 2 – – – – – 0 – – Reserved – – – – – – 0 0 Enable channel 6 data to channel 6 – – – – – – 0 1 Enable bass management on channel 6 – – – – – – 1 0 Enable (L'+R')/2 downmix data on channel 6 (1) – – – – – – 1 1 Reserved D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 0 0 – – Reserved (1) – – – – – – 0 – Disable data from input multiplexer 2 to downmix block – – – – – – 1 – Enable data from input multiplexer 2 to downmix block (1) – – – – – – – 0 Disable data from input multiplexer 1 to downmix block – – – – – – – 1 Enable data from input multiplexer 1 to downmix block (1) (1) Default values are in bold. 60 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS5705 |