CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 380LQ 85 ºC Compact, High-Capacitance Snap-in
ESR Max
Ripple Amps Nominal
ESR Max
Ripple Amps Nominal
@ 25º C
@ 85 ºC
Size
@ 25º C
@ 85 ºC
Size
Cap.
Catalog
120 Hz 20 kHz 120 Hz 20 kHz D x L
Cap.
Catalog
120 Hz 20 kHz 120 Hz 20 kHz D x L
(µF)
Part Number
(Ω)
(Ω)
(A)
(A)
(mm)
(µF)
Part Number
(Ω)
(Ω)
(A)
(A)
(mm)
390 380LQ391M350H052 0.510 0.255
2.06
2.88
22 x 50
420 Vdc (470 Vdc Surge)
390
380LQ391M350J042 0.510 0.255
2.06
2.88
25 x 40
150 380LQ151M420H022 1.330 0.660
1.20
1.65
22 x 30
390 380LQ391M350K022 0.510 0.255
2.06
2.88
30 x 30
150
380LQ151M420J012 1.330 0.660
1.20
1.65
25 x 25
390 380LQ391M350A012 0.510 0.255
2.06
2.88
35 x 25
180 380LQ181M420H032 1.100 0.550
1.40
1.95
22 x 35
470
380LQ471M350J452 0.423 0.211
2.40
3.36
25 x 45
220 380LQ221M420H042 0.904 0.452
1.50
2.10
22 x 40
470 380LQ471M350K032 0.423 0.211
2.40
3.36
30 x 35
220
380LQ221M420J032 0.904 0.452
1.50
2.10
25 x 35
470 380LQ471M350A022 0.423 0.211
2.40
3.36
35 x 30
220 380LQ221M420K012 0.904 0.452
1.50
2.10
30 x 25
560
380LQ561M350J050 0.355 0.178
2.60
3.64
25 x 50
270 380LQ271M420H452 0.737 0.368
1.75
2.40
22 x 45
560 380LQ561M350K042 0.355 0.178
2.60
3.64
30 x 40
270
380LQ271M420J042 0.737 0.368
1.75
2.40
25 x 40
560 380LQ561M350A022 0.355 0.178
2.60
3.64
35 x 30
330
380LQ331M420J452 0.603 0.302
1.95
2.75
25 x 45
680 380LQ681M350K452 0.293 0.146
2.96
4.14
30 x 45
330 380LQ331M420K022 0.603 0.302
1.95
2.75
30 x 30
680 380LQ681M350A032 0.293 0.146
2.96
4.14
35 x 35
390
380LQ391M420J052 0.510 0.255
2.15
3.05
25 x 50
820 380LQ821M350K052 0.243 0.121
3.25
4.55
30 x 50
390 380LQ391M420K032 0.510 0.255
2.15
3.05
30 x 35
820 380LQ821M350A452 0.243 0.121
3.25
4.55
35 x 45
390 380LQ391M420A022 0.510 0.255
2.15
3.05
35 x 30
1000 380LQ102M350A052 0.199 0.109
3.54
4.96
35 x 50
470 380LQ471M420K042 0.423 0.212
2.45
3.40
30 x 40
400 Vdc (450 Vdc Surge)
470 380LQ471M420A032 0.423 0.212
2.45
3.40
35 x 35
120 380LQ121M400H012 1.658 0.830
1.02
1.43
22 x 25
560 380LQ561M420K452 0.355 0.178
2.75
3.85
30 x 45
150 380LQ151M400H022 1.326 0.660
1.16
1.62
22 x 30
560 380LQ561M420A042 0.355 0.178
2.75
3.85
35 x 40
180 380LQ181M400H022 1.105 0.552
1.30
1.80
22 x 30
680 380LQ681M420A452 0.293 0.146
3.10
4.35
35 x 45
180 380LQ181M400H032 1.105 0.552
1.44
2.02
22 x 35
450 Vdc (500 Vdc Surge)
220 380LQ221M400H032 0.904 0.452
1.40
1.90
22 x 35
82
380LQ820M450H012 2.426 1.213
0.83
1.16
22 x 25
220 380LQ221M400H042 0.904 0.452
1.49
2.09
22 x 40
100 380LQ101M450H012 1.990 0.995
0.93
1.30
22 x 25
220
380LQ221M400J022 0.904 0.452
1.49
2.09
25 x 30
120 380LQ121M450H022 1.656 0.829
1.04
1.46
22 x 30
270 380LQ271M400H452 0.737 0.368
1.67
2.34
22 x 45
150 380LQ151M450H032 1.326 0.663
1.19
1.67
22 x 35
270
380LQ271M400J032 0.737 0.368
1.67
2.34
25 x 35
150
380LQ151M450J022 1.326 0.663
1.19
1.67
25 x 30
270 380LQ271M400K022 0.737 0.368
1.67
2.34
30 x 30
180 380LQ181M450H042 1.105 0.553
1.35
1.89
22 x 40
330 380LQ331M400H052 0.603 0.301
1.90
2.66
22 x 50
180
380LQ181M450J022 1.105 0.553
1.35
1.89
25 x 30
330
380LQ331M400J042 0.603 0.301
1.90
2.66
25 x 40
220 380LQ221M450H452 0.904 0.452
1.55
2.17
22 x 45
330 380LQ331M400K022 0.603 0.301
1.90
2.66
30 x 30
220
380LQ221M450J032 0.904 0.452
1.45
2.00
25 x 35
330 380LQ331M400A012 0.603 0.301
1.90
2.66
35 x 25
220
380LQ221M450J042 0.904 0.452
1.55
2.17
25 x 40
390
380LQ391M400J452 0.510 0.255
2.13
2.98
25 x 45
220 380LQ221M450K022 0.904 0.452
1.55
2.17
30 x 30
390 380LQ391M400K032 0.510 0.255
2.13
2.98
30 x 35
220 380LQ221M450A012 0.904 0.452
1.55
2.17
35 x 25
390 380LQ391M400A022 0.510 0.255
2.13
2.98
35 x 30
270 380LQ271M450H052 0.737 0.368
1.78
2.49
22 x 50
470
380LQ471M400J052 0.423 0.212
2.39
3.35
25 x 50
270
380LQ271M450J042 0.737 0.368
1.78
2.49
25 x 40
470 380LQ471M400K042 0.423 0.212
2.39
3.35
30 x 40
270 380LQ271M450K022 0.737 0.368
1.78
2.49
30 x 30
470 380LQ471M400A022 0.423 0.212
2.39
3.35
35 x 30
330
380LQ331M450J052 0.603 0.302
2.01
2.81
25 x 50
560 380LQ561M400K452 0.355 0.178
2.69
3.77
30 x 45
330 380LQ331M450K032 0.603 0.302
1.90
2.60
30 x 35
560 380LQ561M400A032 0.355 0.178
2.69
3.77
35 x 35
330 380LQ331M450K042 0.603 0.302
2.01
2.81
30 x 40
680 380LQ681M400K052 0.293 0.148
2.96
4.14
30 x 50
330 380LQ331M450A022 0.603 0.302
2.01
2.81
35 x 30
680 380LQ681M400A042 0.293 0.148
2.70
3.80
35 x 40
390 380LQ391M450K042 0.510 0.255
2.24
3.14
30 x 40
680 380LQ681M400A452 0.293 0.148
2.96
4.14
35 x 45
390 380LQ391M450A032 0.510 0.255
2.24
3.14
35 x 35
820 380LQ821M400A452 0.243 0.122
2.95
4.15
35 x 45
470 380LQ471M450K452 0.423 0.212
2.53
3.54
30 x 45
820 380LQ821M400A052 0.243 0.122
3.25
4.55
35 x 50
470 380LQ471M450A042 0.423 0.212
2.53
3.54
35 x 40
560 380LQ561M450K052 0.355 0.178
2.82
3.95
30 x 50
560 380LQ561M450A452 0.355 0.178
2.82
3.95
35 x 45
680 380LQ681M450A052 0.293 0.146
3.00
4.25
35 x 50