công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

380LQ331M350H452 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện 380LQ331M350H452
Giải thích chi tiết về linh kiện  85 ?C Compact, High-Capacitance Snap-in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

380LQ331M350H452 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  380LQ331M350H452 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LQ331M350H452 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LQ331M350H452 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LQ331M350H452 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LQ331M350H452 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LQ331M350H452 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 380LQ 85 ºC Compact, High-Capacitance Snap-in
Ratings
Cap.
(µF)
Catalog
Part Number
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
ESR Max
@ 25º C
120 Hz 20 kHz
(Ω) (Ω)
Ripple Amps
@ 85 ºC
120 Hz 20 kHz
(A)
(A)
Nominal
Size
D x L
(mm)
16 Vdc (20 Vdc Surge)
47000
380LQ473M025A042
0.019 0.015
8.00
9.20
35 x 40
12000
380LQ123M016H012
0.069
0.059
4.52
5.20
22 x 25
56000
380LQ563M025A452
0.019 0.016
8.91
10.25 35 x 45
15000
380LQ153M016H022
0.055
0.047
5.26
6.05
22 x 30
68000
380LQ683M025A052
0.018 0.016
9.79
11.26 35 x 50
18000
380LQ183M016H032
0.046
0.039
5.57
6.41
22 x 35
35 Vdc (44 Vdc Surge)
18000
380LQ183M016J012
0.046
0.039
5.57
6.41
25 x 25
5600
380LQ562M035H012
0.104 0.078
3.36
3.86
22 x 25
22000
380LQ223M016H042
0.038
0.032
6.10
7.02
22 x 40
8200
380LQ822M035H022
0.071 0.053
4.00
4.60
22 x 30
22000
380LQ223M016J022
0.038
0.032
6.10
7.02
25 x 30
8200
380LQ822M035J012
0.071 0.053
4.00
4.60
25 x 25
27000
380LQ273M016H452
0.031
0.026
6.31
7.26
22 x 45
10000
380LQ103M035H032
0.058 0.044
4.42
5.08
22 x 35
27000
380LQ273M016J032
0.031
0.026
6.31
7.26
25 x 25
10000
380LQ103M035J022
0.058 0.044
4.42
5.08
25 x 30
27000
380LQ273M016K012
0.031
0.026
6.31
7.26
30 x 25
12000
380LQ123M035H042
0.048 0.036
5.05
5.81
22 x 40
33000
380LQ333M016H052
0.025
0.021
6.84
7.87
22 x 50
12000
380LQ123M035J032
0.048 0.036
5.05
5.81
25 x 35
33000
380LQ333M016J042
0.025
0.021
6.84
7.87
25 x 40
12000
380LQ123M035K012
0.048 0.036
5.05
5.81
30 x 25
33000
380LQ333M016K022
0.025
0.021
6.84
7.87
30 x 30
15000
380LQ153M035H452
0.039 0.029
5.57
6.41
22 x 45
33000
380LQ333M016A012
0.025
0.021
6.84
7.87
35 x 25
15000
380LQ153M035J042
0.039 0.029
5.57
6.41
25 x 40
39000
380LQ393M016J452
0.024
0.020
6.94
7.98
25 x 45
18000
380LQ183M035J452
0.032 0.024
5.68
6.53
25 x 45
39000
380LQ393M016K032
0.024
0.020
6.94
7.98
30 x 35
18000
380LQ183M035K022
0.032 0.024
5.68
6.53
30 x 30
47000
380LQ473M016J052
0.023
0.019
7.47
8.59
25 x 50
18000
380LQ183M035A012
0.032 0.024
5.68
6.53
35 x 25
47000
380LQ473M016K042
0.023
0.019
7.47
8.59
30 x 40
22000
380LQ223M035J052
0.026 0.020
6.10
7.02
25 x 50
47000
380LQ473M016A022
0.023
0.019
7.47
8.59
35 x 30
22000
380LQ223M035K032
0.026 0.020
6.10
7.02
30 x 35
56000
380LQ563M016K452
0.022
0.019
8.73
10.04 30 x 45
22000
380LQ223M035A022
0.026 0.020
6.10
7.02
35 x 30
56000
380LQ563M016A032
0.022
0.018
8.73
10.04 35 x 35
27000
380LQ273M035K452
0.021 0.016
6.84
7.87
30 x 45
68000
380LQ683M016K052
0.021
0.018
9.05
10.41 30 x 50
27000
380LQ273M035A032
0.021 0.016
6.84
7.87
35 x 35
68000
380LQ683M016A042
0.021
0.018
9.05
10.41 35 x 40
33000
380LQ333M035K052
0.018 0.013
7.15
8.22
30 x 50
82000
380LQ823M016A452
0.020
0.018
9.49
10.91 35 x 45
33000
380LQ333M035A042
0.018 0.014
7.15
8.22
35 x 40
100000
380LQ104M016A052
0.019
0.018 10.18 11.71 35 x 50
39000
380LQ393M035A452
0.017 0.014
7.91
9.10
35 x 45
25 Vdc (32 Vdc Surge)
47000
380LQ473M035A052
0.017 0.014
8.56
9.84
35 x 50
8200
380LQ822M025H012
0.081
0.065
3.57
4.11
22 x 25
50 Vdc (63 Vdc Surge)
12000
380LQ123M025H022
0.055
0.044
4.10
4.72
22 x 30
3300
380LQ332M050H012
0.151 0.113
2.73
3.14
22 x 25
12000
380LQ123M025J012
0.055
0.044
4.10
4.72
25 x 25
4700
380LQ472M050H022
0.106 0.079
3.03
3.48
22 x 30
15000
380LQ153M025H032
0.044
0.035
4.63
5.32
22 x 35
4700
380LQ472M050J012
0.106 0.079
3.03
3.48
25 x 25
15000
380LQ153M025J022
0.044
0.035
4.63
5.32
25 x 30
5600
380LQ562M050H032
0.089 0.067
3.42
3.93
22 x 35
18000
380LQ183M025H042
0.037
0.029
5.47
6.29
22 x 40
6800
380LQ682M050H042
0.073 0.055
3.85
4.43
22 x 40
18000
380LQ183M025J032
0.037
0.029
5.47
6.29
25 x 35
6800
380LQ682M050J022
0.073 0.055
3.85
4.43
25 x 30
18000
380LQ183M025K012
0.037
0.029
5.47
6.29
30 x 25
6800
380LQ682M050K012
0.073 0.055
3.85
4.43
30 x 25
22000
380LQ223M025H452
0.030
0.024
6.10
7.02
22 x 45
8200
380LQ822M050H452
0.061 0.045
4.41
5.07
22 x 45
22000
380LQ223M025J042
0.030
0.024
6.10
7.02
25 x 40
8200
380LQ822M050J032
0.061 0.045
4.41
5.07
25 x 35
22000
380LQ223M025K022
0.030
0.024
6.10
7.02
30 x 30
10000
380LQ103M050H052
0.05
0.037
4.97
5.72
22 x 50
22000
380LQ223M025A012
0.030
0.024
6.10
7.02
35 x 25
10000
380LQ103M050J042
0.05
0.037
4.97
5.72
25 x 40
27000
380LQ273M025J452
0.025
0.020
6.21
7.14
25 x 45
10000
380LQ103M050K022
0.05
0.037
4.97
5.72
30 x 30
27000
380LQ273M025K032
0.025
0.020
6.21
7.14
30 x 35
10000
380LQ103M050A012
0.05
0.037
4.97
5.72
35 x 25
33000
380LQ333M025J052
0.020
0.016
6.84
7.87
25 x 50
12000
380LQ123M050J452
0.041 0.031
5.58
6.42
25 x 45
33000
380LQ333M025K042
0.020
0.016
6.84
7.87
30 x 40
12000
380LQ123M050K032
0.041 0.031
5.58
6.42
30 x 35
33000
380LQ333M025A022
0.020
0.016
6.84
7.87
35 x 30
12000
380LQ123M050A022
0.041 0.031
5.58
6.42
35 x 30
39000
380LQ393M025K452
0.020
0.016
7.36
8.46
30 x 45
15000
380LQ153M050K042
0.033 0.025
6.44
7.41
30 x 40
39000
380LQ393M025A032
0.020
0.016
7.36
8.46
35 x 35
15000
380LQ153M050A032
0.033 0.025
6.44
7.41
35 x 35
47000
380LQ473M025K052
0.019
0.016
8.00
9.20
30 x 50
18000
380LQ183M050K452
0.028 0.021
6.94
7.98
30 x 45



Html Pages

1 2 3 4 5 6