công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMC646SP16JS-55LF bảng dữ liệu(PDF) 54 Page - Emerging Memory & Logic Solutions Inc

tên linh kiện EMC646SP16JS-55LF
Giải thích chi tiết về linh kiện  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMLSI [Emerging Memory & Logic Solutions Inc]
Trang chủ  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55LF bảng dữ liệu(HTML) 54 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55LF Datasheet HTML 50Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 51Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 52Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 53Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 54Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 55Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 56Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 57Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LF Datasheet HTML 58Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
54
Preliminary
Figure 43. Burst WRITE Interrupted by Burst WRITE or READ - Variable Latency Mode
Note:
1. Non-default BCR settings for burst WRITE interrupted by burst WRITE or READ in variable latency mode: Variable latency; latency code two
(three clocks); WAIT active LOW; WAIT asserted during delay. All bursts shown for variable latency; no refresh collision.
2. Burst interrupt shown on first allowable clock (i.e., after first data word written).
3. CE# can stay LOW between burst operations, but CE# must not remain LOW longer than tCEM.
CLK
ADV#
CE#
WE#
LB#/UB#
DQ[15:0] IN
Don’t Care
Undefined
A[21:0]
OE#
VIH
VIL
WAIT
VOH
VOL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Valid
Address
tCLK
Valid
Output
tSP tHD
Valid
Address
tSP tHD
tSP tHD
tCSP
tSP tHD
Valid
Output
Valid
Output
Valid
Output
tSP tHD
tHD
tACLK
tKOH
D0
D1
D2
D3
tCEM (Note 3)
WRITE Burst interrupted with new WRITE or READ. See Note 2.
tSP tHD
tSP tHD
tKHTL
tCEW
tBOE
tOHZ
2nd Cycle WRITE
VOH
VOL
VIH
VIL
VIH
VIL
tSP tHD
D0
tSP
tSP tHD
LB#/UB#
DQ[15:0] OUT
OE#
High-Z
High-Z
High-Z
2nd Cycle WRITE
2nd Cycle WRITE
2nd Cycle READ
2nd Cycle READ
2nd Cycle READ
tHD
VOH
VOL
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com