| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT3WLMM bảng dữ liệu(PDF) 1 Page - Isahaya Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
RT3WLMM bảng dữ liệu(HTML) 1 Page - Isahaya Electronics Corporation |
|
1 / 5 page ![]() DESCRIPTION RT3WLMM is a composite transistor built with 2SC3052 chip and 2SA1235A chip in SC-88 package. FEATURE Silicon epitaxial type Each transistor elements are independent. Mini package for easy mounting APPLICATION For low frequency amplify application PRELIMINARY RT3WLMM Composite Transistor For Low Frequency Amplify Application Silicon Epitaxial Type OUTLINE DRAWING Unit:mm MAXIMUM RATING (Ta=25℃) RATING SYMBOL PARAMETER Tr1 Tr2 UNIT VCBO Collector to Base voltage 50 60 V VEBO Emitter to Base voltage 6 V VCEO Collector to Emitter voltage 50 V IC Collector current 200 mA PC(Total) Collector dissipation(Ta=25℃) 150 mW Tj Junction temperature + 125 ℃ Tstg Storage temperature -55~+125 ℃ MARKING M WL 1 2 3 6 5 4 . ISAHAYA ELECTRONICS CORPORATION TERMINAL CONNECTOR ①: EMITTER1 ②: BASE1 ③: COLLECTOR2 ④: EMITTER2 ⑤: BASE2 ⑥: COLLECTOR1 JEITA:SC-88 1.25 2.1 ① ② ③ ⑤ ④ ⑥ Tr1 Tr2 |
Số phần tương tự - RT3WLMM |
|
Mô tả tương tự - RT3WLMM |