| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT3WLMM bảng dữ liệu(PDF) 4 Page - Isahaya Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
RT3WLMM bảng dữ liệu(HTML) 4 Page - Isahaya Electronics Corporation |
|
4 / 5 page ![]() ISAHAYA ELECTRONICS CORPORATION TYPICAL CHARACTERISTICS (Tr2) PRELIMINARY RT3WLMM Composite Transistor For Low Frequency Amplify Application Silicon Epitaxial Type COMMON EMITTER OUTPUT IB=0 0.02mA 0.04mA 0.06mA 0.08mA 0.10mA 0.12mA 0.14mA 0.16mA 0.18mA -0 -10 -20 -30 -40 -50 -0 -1 -2 -3 -4 -5 COLLECTOR EMITTER VOLTAGE VCE(V) Ta=25℃ COMMON EMITTER TRANSFER -0 -10 -20 -30 -40 -50 -0.0 -0.2 -0.4 -0.6 -0.8 -1.0 BASE TO EMITTER VOLTAGE VBE(V) Ta=25℃ VCE=-6V DC FORWARD CURRENT GAIN VS. COLLECTOR CURRENT 1 10 100 1000 10000 -0.1 -1 -10 -100 -1000 COLLECTOR CURRENT IC(mA) Ta=25℃ VCE=-6V 100(@IC=-1mA) GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT 0 50 100 150 200 250 0.1 1 10 100 EMITTER CURRENT IE(mA) Ta=25℃ VCE=-6V COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE 0.1 1 10 100 -0.1 -1 -10 -100 COLLECTOR TO BASE VOLTAGE VCB(V) Ta=25℃ IE=0 f=1MHz |