| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92141 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92141 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 179 page ![]() 42/179 ST92141 - INTERRUPTS ARBITRATION MODES (Cont’d) Examples In the following two examples, three interrupt re- quests with different priority levels (2, 3 & 4) occur simultaneously during the interrupt 5 service rou- tine. Example 1 In the first example, (simplest case, Figure 17) the ei instruction is not used within the interrupt serv- ice routines. This means that no new interrupt can be serviced in the middle of the current one. The interrupt routines will thus be serviced one after another, in the order of their priority, until the main program eventually resumes. Figure 17. Simple Example of a Sequence of Interrupt Requests with: - Concurrent mode selected and - IEN unchanged by the interrupt routines 6 5 4 3 2 1 0 7 Priority Level of MAIN INT 5 INT 2 INT 3 INT 4 MAIN INT 5 INT 4 INT 3 INT 2 CPL is set to 7 CPL = 7 CPL = 7 CPL = 7 CPL = 7 CPL = 7 ei INTERRUPT 2 HAS PRIORITY LEVEL 2 INTERRUPT 3 HAS PRIORITY LEVEL 3 INTERRUPT 4 HAS PRIORITY LEVEL 4 INTERRUPT 5 HAS PRIORITY LEVEL 5 Interrupt Request 1 |