| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92141 bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92141 bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 179 page ![]() 71/179 ST92141 - RESET AND CLOCK CONTROL UNIT (RCCU) CLOCK CONTROL REGISTERS (Cont’d) PLL CONFIGURATION REGISTER (PLLCONF) R246 - Read/Write Register Page: 55 Reset Value: xx00 x111 Bit 5:4 = MX[1:0]: PLL Multiplication Factor. Refer to Table 15 PLL Multiplication Factors for multiplier settings. Bit 2:0 = DX[2:0]: PLL output clock divider factor. Refer to Table 16 Divider Configuration for divider settings. Table 15. PLL Multiplication Factors Table 16. Divider Configuration Figure 31. RCCU General Timing 70 - - MX1 MX0 - DX2 DX1 DX0 MX1 MX0 CLOCK2 x 10 14 00 10 11 8 01 6 DX2 DX1 DX0 CK 0 0 0 PLL CLOCK/1 0 0 1 PLL CLOCK/2 0 1 0 PLL CLOCK/3 0 1 1 PLL CLOCK/4 1 0 0 PLL CLOCK/5 1 0 1 PLL CLOCK/6 1 1 0 PLL CLOCK/7 111 CLOCK2 (PLL OFF, Reset State) STOP Acknowledged STOP External Multiplier Xtal INTCLK Internal reset clock clock RESET request(*) PLL selected by user 20478xTXtal(**) PLL Lock-in time PLL Lock-in time 4 xTsys Quartz start-up Exit from RESET 10239*CLOCK2 Switch to PLL clock (*) WUIMU PLL turned on by user Xtal/2 PLL PLL Xtal/2 (**) +/- 1 TXtal 1 |