| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72C171 bảng dữ liệu(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72C171 bảng dữ liệu(HTML) 134 Page - STMicroelectronics |
|
134 / 152 page ![]() ST72C171 134/152 CONTROL PIN CHARACTERISTICS (Cont’d) 9.9.2 ISPSEL Pin Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Figure 93. Two typical Applications with ISPSEL Pin 2) Notes: 1. Data based on design simulation and/or technology characteristics, not tested in production. 2. When the ISP Remote mode is not required by the application ISPSEL pin must be tied to VSS. Symbol Parameter Conditions Min Max Unit VIL Input low level voltage 1) VSS 0.2 V VIH Input high level voltage 1) VDD-0.1 12.6 IL Input leakage current VIN=VSS ±1 µA ISPSEL ST72XXX 10k Ω PROGRAMMING TOOL ISPSEL ST72XXX |