| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6391 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6391 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 68 page ![]() USE IN LIFE SUPPORT DEVICES OR SYSTEMS MUST BE EXPRESSLY AUTHORIZED. SGS-THOMSON PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYS- TEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF SGS-THOMSON Microelectronics. As used herein : 1. Life support devices or systems are those which (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when prop- erly used in accordance with instructions for use pro- vided with the product, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can reason- ably be expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. |