| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST6365 bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6365 bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 84 page ![]() 6/84 ST6365, ST6375, ST6385 ST6367, ST6377, ST6387 Figure 1. Block Diagram TEST IRIN/PC6 INTERRUPT UP TO 20KBytes PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 256 Bytes PORT A PORT B PORT C 8 BIT CORE TEST TIMER 1 PA0 - PA7* VDD VSS OSCin OSCout RESET USER PROGRAM MEMORY TIMER 2 Inputs DATA EEPROM 384 Bytes PC2, PC4 - PC7* D/A Outputs AFC & VS* R, G, B, BLANK VS Output & On-Screen Digital Watchdog DA0 - DA5 *Refer to Pin Description for Additional Information Serial Peripheral PC0/SCL PC1/SDA PC3/SEN Timer AFC Outputs Display Interface HSYNC, VSYNC VR01753 OSDOSCout OSDOSCin PB0 - PB2, PB4 PB6* |