| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T20C bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T20C bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 100/104 DEVELOPMENT TOOLS (Cont’d) STMicroelectronics Tools Four types of development tool are offered by ST, all of them connect to a PC via a parallel or serial port: see Table 27 and Table 28 for more details. Table 27. STMicroelectronics Tool Features Table 28. Dedicated STMicroelectronics Development Tools Emulation Type Programming Capability Software Included ST6 Starter Kit Device simulation (limited emulation as interrupts are not supported) Yes (DIP packages only) MCU CD ROM with: – Rkit-ST6 from Raisonance – ST6 Assembly toolchain – WGDB6 powerful Source Level Debugger for Win 3.1, Win 95 and NT – Various software demo ver- sions. – Windows Programming Tools for Win 3.1, Win 95 and NT ST6 HDS2 Emulator In-circuit powerful emula- tion features including trace/ logic analyzer No ST6 EPROM Programmer Board No Yes Supported Products ST6 Starter Kit ST6 HDS2 Emulator ST6 Programming Board ST6208C, ST6209C, ST6210C and ST6220C ST622XC-KIT Complete: ST62GP-EMU2 Dedication board: ST62GP-DBE ST62E2XC-EPB 1 |