| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T20C bảng dữ liệu(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T20C bảng dữ liệu(HTML) 95 Page - STMicroelectronics |
|
95 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 95/104 11.5 ORDERING INFORMATION The following section deals with the procedure for transfer of customer codes to STMicroelectronics and also details the ST6 factory coded device type. Figure 80. ST6 Factory Coded Device Types ROM code Temperature code: 1: Standard 0 to +70 °C 3: Automotive -40 to +125 °C 6: Industrial -40 to +85 °C Package type: B: Plastic DIP D: Ceramic DIP M: Plastic SOP N: Plastic SSOP T: Plastic TQFP Revision index: B,C: Product Definition change L: Low Voltage Device ST6 Sub family Version Code: No char: ROM E: EPROM P: FASTROM T: OTP Family ST62T20CB6/CCC 1 |