| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAT4134 bảng dữ liệu(PDF) 8 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT4134 bảng dữ liệu(HTML) 8 Page - Catalyst Semiconductor |
|
8 / 13 page ![]() CAT4134 Doc. No. MD-5021 Rev. B 8 © Catalyst Semiconductor, Inc. Characteristics subject to change without notice. DEVICE OPERATION The device is powered from the input pin VIN. A switching frequency of 1.2MHz is used in Movie mode, when the FLASH input is low. Continuous LED current up to 50mA is controlled by the RSET resistor. For higher load current, the Flash mode is selected by setting the FLASH input pin high. RFLASH now controls the LED current. In flash mode, the driver efficiency is kept high even under high load current by using a lower switching frequency of 900kHz. In movie mode, the higher frequency of 1.2MHz provides a lower noise operation. Overvoltage Protection (OVP) To prevent the SW pin voltage from exceeding the internal switch maximum voltage rating, an overvoltage protection (OVP) function is supported. The OVP pin allows to set the maximum operating voltage on the output VOUT using external resistors R1 and R2. The resistor ratio sets the maximum output voltage as shown in the equation below: R1/R2 = (VOUTMAX /1.2) - 1.2 VOUTMAX should always be higher than the total LED forward voltage ( ΣVf) plus 1.2V. Also VOUT must be less than ΣVf + 8V. ΣVf + 1.2V < VOUTMAX < ΣVf + 8V < 16V If the overvoltage protection is not needed, then the OVP pin should be connected to Ground. In that case, the maximum voltage on the SW pin is set to 17V. BLOCK DIAGRAM Dual Frecuency PWM Controller SW PGND LED2 LED1 OVP AGND RSET mux RSET RFLASH FLASH EN VIN VIN VOUT CIN COUT RFLASH R1 R2 2 Current Sink Regulators Current Setting |