| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST40RA bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 94 page ![]() A Interconnect architecture ST40RA 79/94 STMicroelectronics ADCS 7260755H A.1 Arbitration schemes A.1.1 PCI arbiter: (CPU, GPDMA, PCI, EMPI) The default configuration (after reset) for fixed priority mode has to be in the following priority order: q CPU buffer, q EMPI, q GPDMA, q PCI (PCI master request, although not expected, get served to avoid deadlock). The priority orders have to be programmable and the latency checking algorithm can be enabled for GPDMA, PCI, EMPI. A.1.2 EMI arbiter: (CPU buffer, GPDMA, PCI, EMPI) The default configuration (after reset) for fixed priority mode has to be in the following priority order: q CPU buffer, q PCI, q EMPI, q GPDMA. The priority order have to be programmable and the latency checking algorithm can be enabled for GPDMA, PCI, EMPI. A.1.3 LMI 1 arbiter: (CPU, GPDMA, PCI, EMPI) The default configuration (after reset) as to be to work fixed priority mode in the following priority order: q CPU, q GPDMA and PCI buffer. The priority orders have to be programmable and the latency checking algorithm can be enabled for GPDMA, PCI, EMPI. A.1.4 PER arbiter: (CPU, GPDMA, PCI, EMPI) The default configuration (after reset) as to be to work fixed priority mode in the following priority order: q CPU buffer, q PCI, q EMPI, q GPDMA. The priority order have to be programmable and the latency checking algorithm can be enabled for GPDMA, PCI, EMPI. |