| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7590 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 40 page ![]() TDA7590 Appendix 1 27/40 ; 0 ------------------ RDR ; 0 ------------------- ROFCL ;--- INIT_TCS ------------------------------------------------------------------ ; settings for the Transmitter Control/Status Register ; 321098765432109876543210 INIT_SAI_TCS EQU %000000000001010101001001 ; $000549 - non incrociato ; 1 --- T0EN (0:Disbaled; 1:Enabled) ; 0 ---- T1EN (0:Disbaled; 1:Enabled) ; 0 ----- T2EN (0:Disbaled; 1:Enabled) ; 1 ------ TMME (1:Master mode; 0:Slave mode) ; 0 ------- reserved ; 10 -------- TWL[0:1] (00:16; 01:24; 10:32) ; 0 ---------- TDIR (0:MSB 1st; 1:LSB 1st) ; 1 ----------- TLRS (0:LRCKR=0-LW; 1:LRCKR=0-RW) ; 0 ------------ TCKP (0:-ve ; 1:+ve) ; 1 ------------- TREL (0:trans-1st; 1:I2S) ; 0 -------------- TDWE ; 1 --------------- TXIE (0:Disabled; 1:Enabled) ; 0 ---------------- Reserved ; 0 ----------------- TUFL ; 0 ------------------ TDE ; 0 ------------------- TUFCL ;------------------------------------------------------------------------------- ; PLL Intitialisation values ;------------------------------------------------------------------------------- IF 1 ; Settings per sci 115200 ;--- PLL_CSR ------------------------------------------------------------------- ; settings for the PLL control register ; 321098765432109876543210 ; settings for the PLL control register ; 321098765432109876543210 ;INIT_PLL_CSR EQU $0E0C00 INIT_PLL_CSR EQU %000011100000110000000000 ; $0E0C00 ; 00000 --- IDF =0 (actual = IDF+1=1) ; 0 -------- RESERVED ; 0 --------- LOCK (read only; 0:out of lock) ; 0 ---------- OUTLOCK (read only; 0:in lock) ; 0001100 ----------- MF =12 (actual = MF + 1 = 13) ; 0 ------------------ PLLIE (0:intr disable) ; 0 ------------------- PWRDN (1:power down mode) ; 1 -------------------- DITEN (0:disable) ; 1 --------------------- FRACTN (0:disable) ; 1 ---------------------- PEN (1:PLL enable) ;--- FRACT --------------------------------------------------------------------- ; settings for the Fractional N part of the PLL ; 321098765432109876543210 ;INIT_PLL_FCR EQU $0034bd INIT_PLL_FCR EQU %000000000011010010111101 ; $0034bd ; 01110000101001 --- FRACT = 13501 ;--- CLKCTL -------------------------------------------------------------------- |