| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7590 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7590 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 40 page ![]() TDA7590 Appendix 1 23/40 LOCK EQU 6 ; PLL Lock Indication bit OUTLOCK EQU 7 ; PLL Lost Lock bit MF0 EQU 8 ; Multiplication bit 0 MF1 EQU 9 ; Multiplication bit 1 MF2 EQU 10 ; Multiplication bit 2 MF3 EQU 11 ; Multiplication bit 3 MF4 EQU 12 ; Multiplication bit 4 MF5 EQU 13 ; Multiplication bit 5 MF6 EQU 14 ; Multiplication bit 6 PLLIE EQU 15 ; PLL interrupt enable PWRDN EQU 16 ; PLL power down DITEN EQU 17 ; Dither Enable FRACEN EQU 18 ; PLL Fractional-N function enable PEN EQU 19 ; PLL Enable ;;; Bit Definitions for PLL_CLKCNTL DSPDF0 EQU 0 ; DSP clock divider factor 0 DSPDF1 EQU 1 ; DSP clock divider factor 1 DSPDF2 EQU 2 ; DSP clock divider factor 2 DSPDF3 EQU 3 ; DSP clock divider factor 3 ; Reserved DCKSRC EQU 6 ; DSP clock source 0->XTI/(DSPDF3:0 + 1) ; 1->VCO/(DSPDF3:0 + 1) DACLKEN EQU 7 ; Enable bit for oversampling clock MFSDF0 EQU 8 ; Oversampling multiple bit 0 MFSDF1 EQU 9 ; Oversampling multiple bit 1 MFSDF2 EQU 10 ; Oversampling multiple bit 2 MFSDF3 EQU 11 ; Oversampling multiple bit 3 MFSDF4 EQU 12 ; Oversampling multiple bit 4 MFSDF5 EQU 13 ; Oversampling multiple bit 5 MFSDF6 EQU 14 ; Oversampling multiple bit 6 SEL0 EQU 15 ; Sampling multiple select bit 0 SEL1 EQU 16 ; Sampling multiple select bit 1 SEL2 EQU 17 ; Sampling multiple select bit 2 DSP_XTI EQU 18 ; DSP_XTI =0 -> Use VCO/DSPDF for DCLK ; DSP_XTI =1 -> Use XTI for DCLK DAC_SEL EQU 19 ; Selects between VCO and ext_dac_clk XTLD EQU 20 ; Disables the external crystal when set ;------------------------------------------------------------------------ ; EQUATES for I/O Port Programming ;------------------------------------------------------------------------ ; Register Addresses HDR EQU $FFFFC9 ; PS- Host port GPIO data Register HDDR EQU $FFFFC8 ; PS- Host port GPIO direction Register PCRC EQU $FFFFBF ; Port C Control Register PRRC EQU $FFFFBE ; Port C Direction Register PDRC EQU $FFFFBD ; Port C GPIO Data Register PCRD EQU $FFFFAF ; Port D Control register PRRD EQU $FFFFAE ; Port D Direction Data Register PDRD EQU $FFFFAD ; Port D GPIO Data Register PCRE EQU $FFFF9F ; Port E Control register PRRE EQU $FFFF9E ; Port E Direction Register PDRE EQU $FFFF9D ; Port E Data Register OGDB EQU $FFFFFC ; OnCE GDB Register |