công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0027724 bảng dữ liệu(PDF) 2 Page - Lapp.

tên linh kiện 0027724
Giải thích chi tiết về linh kiện  EPIC® LS1 Series Circular Power & Mixed Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LAPP [Lapp.]
Trang chủ  https://e.lapp.com/us/
Logo LAPP - Lapp.

0027724 bảng dữ liệu(HTML) 2 Page - Lapp.

  0027724 Datasheet HTML 1Page - Lapp. 0027724 Datasheet HTML 2Page - Lapp. 0027724 Datasheet HTML 3Page - Lapp. 0027724 Datasheet HTML 4Page - Lapp. 0027724 Datasheet HTML 5Page - Lapp. 0027724 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EPIC® LS1 Series Circular
Power & Mixed Power Connectors
Equipment Description
EPIC® LS1 Connectors are available in five housing
arrangements and two contact configurations.
Common to all arrangements are a rugged nickel
plated zinc body, plastic contact insulation body and
sleeve, and gold plated electrical contacts (included
with the connector part number). Cable mounted
arrangements also include an integral EMC shield
ring and cable clamp and seal. The figure to the
right shows the general construction of these
connectors.
These connectors are offered with a 5+PE contact
configuration for power distribution (5 contacts plus
ground rated at 630 volts and 22 amps), and a
3+PE+4 contact configuration for mixed power and
signal requirements for servo motor with brake and
feedback applications (3 contacts plus ground rated
630 volts and 22 amps and 4 contacts rated 250
volts and 7 amps). Used in combination, they
connect one flexible cable with another (cable
coupler) or one flexible cable to fixed wiring on a
machine (appliance coupler).
Features & Benefits
The new EPIC® LS1 connectors have many inherent
features which offer application advantages and
provide significant benefits. These features make
it one on the most application friendly connectors
available, and insure quick and easy assembly, high
reliability, and long, uninterrupted service life in tough
industrial environments.
Key features include:
• Rugged nickel-plated, die-cast zinc body
• Positive vibration protection for use with motor
drives and moving assemblies
• Integral EMC cable gland provides strain-relief,
IP67/68 protection, and 360° shielding
• Identification
marking field
and optional color
marking clips can
be used to provide
positive identification
and visual differentiation
in multiple connector
installations.
800-774-3539 • www.lappusa.com
Cap Nut
Lamellar
Cable Clamp
& Seal
EMC Shield
Ring
Connector
Body &
Coupling Nut
Marking Ring
Panel Mount
Base with
Vibration
Protection Ring
& Panel Seal
Male Contacts
Insulation
Body
Female
Contacts
Insulation
Sleeve
Technical Specifications
# of Contacts:
5+PE, 3+PE+4
Rated Voltage:
VDE:
630V (2mm contacts)
250V (1mm contacts)
UL:
600V
Rated Current:
22 amps (2mm contacts)
7 amps (1mm contacts)
Impulse Voltage:
6kV (2mm contacts)
4kV (1mm contacts)
Contact Resistance:
<5m Ohms
Mating Cycles:
500
Temperature Range:
-25°C to +125°C
Protection Class:
IP67/68 (10h/1m)
Wire Gauge (Crimp):
2 mm contacts:
0.5 to 2.5 mm2 (20-14 AWG)
1 mm contacts:
0.14 to 1.0 mm2 (24-18 AWG)
Cable Diameter:
7.5 to 15.5 mm
Materials:
Housing: Nickel Plated Zinc (Die Cast)
Insulation Body: PA, PBT, UL94 V-0
Contacts: Gold plated copper alloy
Gaskets & Seals: FPM
Standards:
DIN EN 61984
Approvals:



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com