công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AML21BBA2AD bảng dữ liệu(PDF) 9 Page - Honeywell Solid State Electronics Center

tên linh kiện AML21BBA2AD
Giải thích chi tiết về linh kiện  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21BBA2AD bảng dữ liệu(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button AML21BBA2AD Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML21BBA2AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Manual Switches
AML Series
Mounting Dimensions (For Reference Only)
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
49
TERMINAL LOCATIONS FOR AML10 SWITCHES
PUSHBUTTONS
Solder and Quick-Connect
Printed Circuit
Illuminated devices shown (non-illuminated devices do not have lamp terminals).
ROCKERS AND PADDLES
Solder and Quick-Connect
Printed Circuit
One Integrated Circuit
Two Integrated Circuits
One Integrated Circuit
Two Integrated Circuits
Illuminated devices shown (non-illuminated devices do not have lamp terminals)
TERMINAL LOCATIONS FOR AML41 INDICATORS
Solder and Quick-Connect
1 Incandescent
Lamp Circuit
1 Incandescent
Lamp Circuit
2 Incandescent
Lamp Circuits
2 Incandescent
Lamp Circuits
1-3 Incandescent
Lamp Circuits
Printed Circuit
1 Incandescent
1 Incandescent
2 Incandescent
2 Incandescent
1-3 Incandescent
Lamp Circuit
Lamp Circuit
Lamp circuits
Lamp Circuits
Lamp Circuits
TERMINAL LOCATIONS FOR AML42 INDICATORS
Solder and Quick-Connect
Printed Circuit
1 LED Circuit
1 LED Circuit
1 LED Circuit
1 LED Circuit
NOTE
1
Dimensions are MM or MM/IN
IN
Manufacturer’s logo on this side of
housing
4
– Lamp terminals are not provided for
non-illuminated devices
positive terminal ident. (+) marked this
side of housing
1 – lamp termination identified by ‘‘B’’.
2 – lamp termination identified by ‘‘A’’
and ‘‘C’’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com