công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AML11B bảng dữ liệu(PDF) 3 Page - Honeywell Solid State Electronics Center

tên linh kiện AML11B
Giải thích chi tiết về linh kiện  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11B bảng dữ liệu(HTML) 3 Page - Honeywell Solid State Electronics Center

  AML11B Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
AML21 Electronic control pushbutton switches
AML21 INCANDESCENT OR NON-LIGHTED DISPLAY ORDER GUIDE
Housing
Type
Standard Bezel
AML21B
Square non-lighted
AML21C Square 1 lamp ckt.
AML21E
Rect. non-lighted
AML21F
Rect. 1 lamp ckt.
AML21G Rect. 2 lamp ckts.
Full Guard Bezel
AML21H
Square non-lighted
AML21J
Square 1 lamp ckt.
AML21K
Rect. non-lighted
AML21L
Rect. 1 lamp ckt.
AML21M Rect. 2 lamp ckts.
AML21B
Bezel
Color
B
Black
B
Incandescent
Lamp Type
A
No lamp
installed
B
6 V lamp
C
14 V lamp
E
28 V lamp
A
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed ckt.
or push-on)
2
Circuitry Codes
(Each pole has double-throw)
AA
Discount BE
Example: AML21BBA2AA
Schedule Qty.: 25 pieces/listing
Square, pushbutton switch housing, non-lighted; black bezel; .110 x .020
Unclass.
termination; 1-pole, double throw; silver contacts.
Mom. Action.
AA
1-pole
AC
2-pole
CC
4-pole
Alt. Action
AB
1-pole
AD
2-pole
CD
4-pole
Mom. Action
BA
1-pole
BC
2-pole
DC
4-pole
Alt. Action
BB
1-pole
BD
2-pole
DD
4-pole
Mom. Action
EA
1-pole
EC
2-pole
Silver
Contacts
Gold
Contacts
Gold-plated
Silver
Contacts
AML22 Electronic control pushbutton switches
AML22 LED DISPLAY ORDER GUIDE
Housing
Type
Standard Bezel
AML22C Square 1 LED
AML22H
Square 1 high
profile LED (for use
with AML-52A
buttons)
Full Guard Bezel
AML22J
Square 1 LED
AML22C
Bezel
Color
B
Black
B
LED Color/
Voltage
Red
B
V
C
5V
D
10V
E
15V
F
24V
Yellow
H
V
J
5V
K
10V
L
15V
M
24V
Green
R
V
S
5V
T
10V
W
15V
X
24V
B
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed ckt.
or push-on)
8
.110 x .020
with diode
protection
2
Circuitry Codes
(Each pole has double-throw)
AA
Discount BE
Example: AML222CBB2AA
Schedule Qty.: 25 pieces/listing
Square, pushbutton switch housing with one LED, black bezel; red LED (without
Unclass.
resistor); .110 x .020 termination; momentary action; 1-pole, double throw; silver
contacts.
Mom. Action.
AA
1-pole
AC
2-pole
Alt. Action
AB
1-pole
AD
2-pole
CD
4-pole
Mom. Action
BA
1-pole
BC
2-pole
Alt. Action
BB
1-pole
BD
2-pole
DD
4-pole
Silver
Contacts
Gold
Contacts
Availability of options is subject to change without notice
Honeywell • Sensing and Control CP- 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com