công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AML11B bảng dữ liệu(PDF) 2 Page - Honeywell Solid State Electronics Center

tên linh kiện AML11B
Giải thích chi tiết về linh kiện  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11B bảng dữ liệu(HTML) 2 Page - Honeywell Solid State Electronics Center

  AML11B Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
AML11 Solid state pushbutton switches
AML11 INCANDESCENT OR NON-LIGHTED DISPLAY ORDER GUIDE
Housing
Type
Standard Bezel
AML11B
Square non-lighted
AML11C
Square 1 lamp ckt.
AML11E
Rect. non-lighted
AML11F
Rect. 1 lamp ckt.
AML11G
Rect. 2 lamp ckts.
Full Guard Bezel
AML11H
Square non-lighted
AML11J
Square 1 lamp ckt.
AML11K
Rect. non-lighted
AML11L
Rect. 1 lamp ckt.
AML11M Rect. 2 lamp ckts.
AML11B
Bezel
Color
B
Black
B
Incandescent
Lamp Type
A
No lamp
installed
E
28 V lamp
A
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed, circuit
or push-on)
2
Circuitry
Codes
EA
4.5-24 VDC
EA
EE
Sinking
Momentary
Alternate
Discount BE
Example: AML11BBA2EA
Schedule Qty.: 25 pieces/listing
Square, pushbutton switch housing, non-lighted; black bezel; .110 x .020
Unclass.
termination; momentary action; current-sinking output for use with 5-volt supply.
AML12 Solid state pushbutton switches
AML12 LED DISPLAY ORDER GUIDE
Housing
Type
Standard Bezel
AML12C Square 1 LED
Full Guard Bezel
AML12J
Square 1 LED
AML12C
Bezel
Color
B
Black
B
LED Color/
Voltage
Red
B
V
C
5V
Yellow
J
5V
M
24V
Green
S
5V
X
24V
B
Terminal Type/
Diode Protection
2
.110 x .020
(solder or
quick-connect)
3
.025 x .025
(printed, circuit
or push-on)
8
.110 x .020
with diode
protection
2
Circuitry
Codes
EA
4.5 - 24
EA
EE
VDC
Momentary
Alternate
Sinking
Discount BE
Example: AML12CBB2EA
Schedule Qty.: 25 pieces/listing
Square, pushbutton switch housing; black bezel; red LED; .110 x .020
Unclass.
termination; current-sinking output for use with 5-volt supply; momentary action.
CP-1
Honeywell • Sensing and Control
Availability of options is subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com