công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP2-DC3V bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện SP2-DC3V
Giải thích chi tiết về linh kiện  2 Form C 15 A, 4 Form C 10 A, Polarized power relays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-DC3V bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

Back Button SP2-DC3V Datasheet HTML 4Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 5Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 6Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 7Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 8Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 9Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 10Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 11Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB208E 202304
Panasonic Industry Co., Ltd. 2023
Power Relays (Over 2 A) SP RELAYS
SP RELAYS Terminal sockets
TYPES
Standard packing
Inner carton
Case
SP2
SP2-SF
1922
10
SP4
SP4-SF
1942
Dielectric strength (initial)
3 000
1
10
Insulation resistance (initial)
1 000
(at
to +60°C
to
RATING
40.64±0.4
20.32±0.4
20.3±0.6
SP
relay
23±1
52±1
4.5±0.4
4.5±0.4
30±0.6
30±0.6
Mounting pitch
General tolerance ±0.5
Screw:M3.5
Note:Terminal number marking is on the socket body.
Please refer together with the SP relay schematic.
40.64±0.4
20.32±0.4
30±0.6
30±0.6
4.5±0.3
4.5±0.3
Mounting pitch
52±1
32.8±0.6
20.3±0.6
20.3±0.6
23±1
SP
relay
11±0.4
21±0.4
Screw:M3.5
General tolerance ±0.5
Note:Terminal number marking is on the socket body.
Please refer together with the SP relay schematic.
Notes:
1.Mounting screws and the fastening
bracket are included in the package.
2.Mount the relay with the proper mounting
direction ̶ i.e. with the direction of
the
mark on top of the relay case
matching the direction of the
mark
on the terminal block.(The direction
of the terminal block is the upward
direction of the relay.)
30±0.2
2ーφ4.5±0.1
DIMENSIONS
CAD
CAD
SP2 Terminal socket (AR1922)
Mounting hole pattern
CAD
SP4 Terminal socket (AR1942)
ー 7 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com