công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181CS08-U bảng dữ liệu(PDF) 6 Page - THAT Corporation All rights reserved.

tên linh kiện 2181CS08-U
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181CS08-U bảng dữ liệu(HTML) 6 Page - THAT Corporation All rights reserved.

Back Button 2181CS08-U Datasheet HTML 2Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 3Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 9Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 10Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Document 600030 Rev 03
Page 6 of 12
THAT 2181 Series
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Figure 13. 2181A THD+N vs Frequency, 0dB gain, 1V
Figure 14. FFT of THD, Typical 2181A,
0dB Gain, 1V, 1kHz
Figure 10. 1 kHz THD+Noise vs. Input Level, 0dB Gain
Figure 11. 1 kHz THD+Noise vs. Input Level,+15dB Gain
Figure 12. 1 kHz THD+Noise vs. Input Level,-15dB Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com