công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2181CS08-U bảng dữ liệu(PDF) 1 Page - THAT Corporation All rights reserved.

tên linh kiện 2181CS08-U
Giải thích chi tiết về linh kiện  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

2181CS08-U bảng dữ liệu(HTML) 1 Page - THAT Corporation All rights reserved.

  2181CS08-U Datasheet HTML 1Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 2Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 3Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 4Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 5Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 6Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 7Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 8Page - THAT Corporation All rights reserved. 2181CS08-U Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8
8
Output
7
7
V+
6
6
Gnd
5
5
V-
4
4
Sym
3
3
Ec-
2
2
Ec+
1
1
Input
SO Pin
SIP Pin
Pin Name
Table 1. Pin Assignments
Figure 1. 2181 Series Equivalent Circuit Diagram
FEATURES
• Wide Dynamic Range: >120 dB
• Wide Gain Range: >130 dB
• Exponential (dB) Gain Control
• Low Distortion:
~ 0.0025 % (typical 2181A)
~ 0.005 % (typical 2181C)
• Wide Gain-Bandwidth: 20 MHz
• Dual Gain-Control Ports (pos/neg)
• Pin-Compatible with 2150-Series
APPLICATIONS
• Faders
• Panners
• Compressors
• Expanders
• Equalizers
• Filters
• Oscillators
• Automation Systems
THAT 2181A, 2181B, 2181C
THAT 2181 Series integrated-circuit voltage
controlled
amplifiers
(VCAs)
are
very
high-
performance current-in/current-out devices with
two opposing-polarity, voltage-sensitive control
ports. They offer wide-range exponential control
of gain and attenuation with low signal distortion.
The parts are selected after packaging based
primarily on after-trim THD and control-voltage
feedthrough performance.
The VCA design takes advantage of a fully
complementary dielectric isolation process which
offers closely matched NPN/PNP pairs. This deliv-
ers
performance
unobtainable
through
any
conventional process, integrated or discrete. The
parts are available in three grades, allowing the
user to optimize cost vs. performance. Both 8-pin
single-in-line (SIP) and
surface mount (SO)
packages are available.
Description
Blackmer
® Trimmable IC
Voltage Controlled Amplifiers
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2016, THAT Corporation
Document 600030 Rev 03
2181CS08-U
2181CL08-U
0.05%
2181BS08-U
2181BL08-U
0.02%
2181AS08-U
2181AL08-U
0.01%
Plastic
SO
Plastic
SIP
Max Trimmed
THD
@1V,1kHz,0dB
Table 2. Ordering information
BIAS CURRENT
COMPENSATION
Vbe
MULTI-
PLIER
Output
Sym
Iset
V-
Vcc
Ec+
Ec-
Iadj
Input
Gnd
7
2
3
8
4
5
1
6
2k
25


Số phần tương tự - 2181CS08-U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
THAT Corporation All ri...
2181CS08-U THAT-2181CS08-U Datasheet
346Kb / 12P
Blackmer® Trimmable IC Voltage Controlled Amplifiers
Rev 02
More results

Mô tả tương tự - 2181CS08-U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com