| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE821QTR bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821QTR bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 55 page ![]() Capacitive touch module registers STMPE821 34/55 TVR Touch variance setting Address: 0X30 - 0x3B Type: R/W Reset: 0x08 Description: Touch variance setting. 7654 3 2 1 0 RESERVED TVR [7] RESERVED [6:0] TVR: Setting TVR between 0-99 A high TVR value decreases sensitivity of the sensor, but increasing its tolerance to ambient noise A small TVR value increases the sensitivity. |