| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE821QTR bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821QTR bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 55 page ![]() STMPE821 Capacitive touch module registers 31/55 INT_CLR Interrupt clear Address: 0x27 Type: R/W Reset: 0x00 Description: Writing '1' to this register clears the corresponding interrupt source in INT_PENDING register. 7654 3 2 1 0 RESERVED EOC I2A A2I RESERVED [7:4] 0x90 [3] EOC: End of calibration This interrupt occurs on both automatic and forced calibration [2] I2A: SLEEP to Active transition [1] A2I: Active to SLEEP transition [0] RESERVED |